Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 64 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 64 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 60Page - Maxim Integrated Products DS1876 Datasheet HTML 61Page - Maxim Integrated Products DS1876 Datasheet HTML 62Page - Maxim Integrated Products DS1876 Datasheet HTML 63Page - Maxim Integrated Products DS1876 Datasheet HTML 64Page - Maxim Integrated Products DS1876 Datasheet HTML 65Page - Maxim Integrated Products DS1876 Datasheet HTML 66Page - Maxim Integrated Products DS1876 Datasheet HTML 67Page - Maxim Integrated Products DS1876 Datasheet HTML 68Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
64
Maxim Integrated
SFP Controller with Dual LDD Interface
DS1876
Table 04h Register Descriptions
Table 04h, Register 80h–C7h: MODULATION LUT (MOD)
Table 02h, Register C8h–F7h: EMPTY
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL46)
WRITE ACCESS
PW2 or (PW1 and RWTBL46)
A2h AND B2h MEMORY
Different A2h and B2h memory locations
MEMORY TYPE
Nonvolatile (EE)
80h–C7h
27
26
25
24
23
22
21
20
BIT 7
BIT 0
Digital value for the MOD1 DAC (A2h address) and MOD2 DAC (B2h address) outputs. The MODULATION LUT
is a set of registers assigned to hold the temperature profile for the MOD1 and MOD2 DACs. The temperature
measurement is used to index the LUT (TINDEX, Table 02h, Register 81h) in 2NC increments from -40NC to
+102NC, starting at 80h in Table 04h. Register 80h defines the -40NC to -38NC MOD output, Register 81h defines
-38NC to -36NC MOD output, and so on. Values recalled from this EEPROM memory table are written into the
MOD1 and MOD2 DACs (Table 02h, Registers C8h–C9h, CCh–CDh) locations that hold the values until the next
temperature conversion. The part can be placed into a manual mode (MOD1EN and MOD2EN bits, Table 02h,
Register 80h), where MOD1 and MOD2 DACs are directly controlled for calibration. If the temperature compen-
sation functionality is not required, program the entire Table 04h to the desired modulation setting.
FACTORY DEFAULT
00h
READ ACCESS
N/A
WRITE ACCESS
N/A
A2h AND B2h MEMORY
N/A
MEMORY TYPE
None
These registers do not exist.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com