Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 42 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 42 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 38Page - Maxim Integrated Products DS1876 Datasheet HTML 39Page - Maxim Integrated Products DS1876 Datasheet HTML 40Page - Maxim Integrated Products DS1876 Datasheet HTML 41Page - Maxim Integrated Products DS1876 Datasheet HTML 42Page - Maxim Integrated Products DS1876 Datasheet HTML 43Page - Maxim Integrated Products DS1876 Datasheet HTML 44Page - Maxim Integrated Products DS1876 Datasheet HTML 45Page - Maxim Integrated Products DS1876 Datasheet HTML 46Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 69 page
background image
42
Maxim Integrated
SFP Controller with Dual LDD Interface
DS1876
Table 01h, Register F9h: RESERVED
Table 01h, Register FAh: ALARM EN1
Table 01h, Register FBh: RESERVED
POWER-ON VALUE
READ ACCESS
N/A
WRITE ACCESS
N/A
A2h AND B2h MEMORY
N/A
MEMORY TYPE
N/A
This register is reserved.
POWER-ON VALUE
00h
READ ACCESS
PW2 or (PW1 and RWTBL1C) or (PW1 and RTBL1C)
WRITE ACCESS
PW2 or (PW1 and RWTBL1C)
A2h AND B2h MEMORY
Different A2h and B2h memory locations
MEMORY TYPE
Nonvolatile (SEE)
FAh
RESERVED
RESERVED
RESERVED
RESERVED
HBAL
RESERVED
TXP HI
TXP LO
BIT 7
BIT 0
Layout is identical to ALARM1 in Lower Memory, Register 72h. Enables alarms to create internal signal FETG (see
Figure 9). The MASK bit (Table 02h, Register 88h) determines whether this memory exists in Table 01h or 05h.
BITS 7:4, 2
RESERVED
BIT 3
HBAL: Enables alarm to create internal signal FETG.
0 = Disables interrupt from HBAL alarm.
1 = Enables interrupt from HBAL alarm.
BIT 1
TXP HI: Enables alarm to create internal signal FETG.
0 = Disables interrupt from TXP HI alarm.
1 = Enables interrupt from TXP HI alarm.
BIT 0
TXP LO: Enables alarm to create internal signal FETG.
0 = Disables interrupt from TXP LO alarm.
1 = Enables interrupt from TXP LO alarm.
POWER-ON VALUE
READ ACCESS
N/A
WRITE ACCESS
N/A
A2h AND B2h MEMORY
N/A
MEMORY TYPE
N/A
This register is reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com