Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 54 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 54 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 50Page - Maxim Integrated Products DS1876 Datasheet HTML 51Page - Maxim Integrated Products DS1876 Datasheet HTML 52Page - Maxim Integrated Products DS1876 Datasheet HTML 53Page - Maxim Integrated Products DS1876 Datasheet HTML 54Page - Maxim Integrated Products DS1876 Datasheet HTML 55Page - Maxim Integrated Products DS1876 Datasheet HTML 56Page - Maxim Integrated Products DS1876 Datasheet HTML 57Page - Maxim Integrated Products DS1876 Datasheet HTML 58Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 69 page
background image
54
Maxim Integrated
SFP Controller with Dual LDD Interface
DS1876
Table 02h, Register A2h–A3h: VCC OFFSET
Table 02h, Register A4h–A7h: RESERVED
Table 02h, Register A8h–A9h: BMON2 OFFSET
Table 02h, Register AAh–ABh: PMON2 OFFSET
Table 02h, Register ACh–ADh: BMON1 OFFSET
Table 02h, Register AEh–AFh: PMON1 OFFSET
Table 02h, Register B0h–B3h: PW1
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL2) or (PW1 and RTBL2)
WRITE ACCESS
PW2 or (PW1 and RWTBL2)
A2h AND B2h MEMORY
Common A2h and B2h memory location
MEMORY TYPE
Nonvolatile (SEE)
A2h, A4h,
A6h, A8h,
AAh, ACh,
AEh
S
S
215
214
213
212
211
210
A3h, A5h,
A7h, A9h,
ABh, ADh,
AFh
29
28
27
26
25
24
23
22
BIT 7
BIT 0
Allows for offset control of these voltage measurements if desired. This number is two’s complement.
FACTORY DEFAULT
FFFF FFFFh
READ ACCESS
N/A
WRITE ACCESS
PW2 or (PW1 and WPW1)
MEMORY TYPE
Nonvolatile (SEE)
B0h
231
230
229
228
227
226
225
224
B1h
223
222
221
220
219
218
217
216
B2h
215
214
213
212
211
210
29
28
B3h
27
26
25
24
23
22
21
20
BIT 7
BIT 0
The PWE value is compared against the value written to this location to enable PW1 access. At power-on, the
PWE value is set to all ones. Thus, writing these bytes to all ones grants PW1 access on power-on without writing
the password entry. All reads of this register are 00h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com