Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1876 Datasheet HTML 1Page - Maxim Integrated Products DS1876 Datasheet HTML 2Page - Maxim Integrated Products DS1876 Datasheet HTML 3Page - Maxim Integrated Products DS1876 Datasheet HTML 4Page - Maxim Integrated Products DS1876 Datasheet HTML 5Page - Maxim Integrated Products DS1876 Datasheet HTML 6Page - Maxim Integrated Products DS1876 Datasheet HTML 7Page - Maxim Integrated Products DS1876 Datasheet HTML 8Page - Maxim Integrated Products DS1876 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
5
Maxim Integrated
SFP Controller with Dual LDD Interface
DS1876
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Voltage Range on PMON_, BMON_, RSEL,
IN1, TXF_, and TXD_ Pins
Relative to Ground ............................... -0.5V to (VCC + 0.5V)*
Voltage Range on VCC, SDA, SCL,
OUT1, RSELOUT, and TXFOUT Pins
Relative to Ground ...............................................-0.5V to +6V
Continuous Power Dissipation
28-Pin TQFN (derate 34.5mW/°C) above +70°C....2758.6mW
Operating Temperature Range.......................... -40NC to +95NC
Programming Temperature Range ....................... 0NC to +95NC
Storage Temperature Range............................ -55NC to +125NC
Soldering Temperature .........................Refer to the IPC/JEDEC
J-STD-020 Specification.
RECOMMENDED OPERATING CONDITIONS
(TA = -40NC to +95NC, unless otherwise noted.)
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.85V to +3.9V, TA = -40NC to +95NC, unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
*Subject to not exceeding +6V.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Main Supply Voltage
VCC
(Note 1)
+2.85
+3.9
V
High-Level Input Voltage
(SDA, SCL)
VIH:1
0.7 x
VCC
VCC +
0.3
V
Low-Level Input Voltage
(SDA, SCL)
VIL:1
-0.3
0.3 x
VCC
V
High-Level Input Voltage
(TXD_, TXF_, RSEL, IN1)
VIH:2
2.0
VCC +
0.3
V
Low-Level Input Voltage
(TXD_, TXF_, RSEL, IN1)
VIL:2
-0.3
+0.8
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
(Notes 1, 2)
2.5
10
mA
Output Leakage (SDA, OUT1,
RSELOUT, TXFOUT)
ILO
1
F
A
Low-Level Output Voltage
(SDA, OUT1, RSELOUT,
TXDOUT_, MOD_, APC_,
TXFOUT)
VOL
IOL = 4mA
0.4
V
IOL = 6mA
0.6
High-Level Output Voltage
(MOD_, APC_, TXDOUT_)
VOH
IOH = 4mA
VCC -
0.4
V
TXDOUT_ Before EEPROM
Recall
10
100
nA
MOD_, APC_ Before Recall
Figure 1
10
100
nA
Input Leakage Current
(SCL, TXD_, RSEL, IN1, TXF_)
ILI
1
F
A
Digital Power-On Reset
POD
1.0
2.2
V
Analog Power-On Reset
POA
2.0
2.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com