Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 9Page - Maxim Integrated Products DS1876 Datasheet HTML 10Page - Maxim Integrated Products DS1876 Datasheet HTML 11Page - Maxim Integrated Products DS1876 Datasheet HTML 12Page - Maxim Integrated Products DS1876 Datasheet HTML 13Page - Maxim Integrated Products DS1876 Datasheet HTML 14Page - Maxim Integrated Products DS1876 Datasheet HTML 15Page - Maxim Integrated Products DS1876 Datasheet HTML 16Page - Maxim Integrated Products DS1876 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
13
Maxim Integrated
SFP Controller with Dual LDD Interface
DS1876
only difference is that the DS1876 already has deter-
mined the present temperature, so the tINIT time is not
required for the DS1876 to recall the APC and MOD
set points from EEPROM. See Figure 1.
DACs as a Function of Transmit Disable
(TXD1, TXD2)
If TXD1 or TXD2 are asserted (logic 1) during normal
operation, the associated outputs are disabled within
tOFF. When TXD1 or TXD2 are deasserted (logic 0), the
DS1876 sets the DACs with the value associated with
the present temperature. When asserted, soft TXD1 or
soft TXD2 (TXDC) (Lower Memory, Register 6Eh) would
allow a software control identical to the TXD1 or TXD2 pin
(Figure 2). The POLARITY register (Table 02h, Register
C6h) determines if the off-state value of the DACs is
VREFIN or 0V.
Quick-Trip Timing
As shown in Figure 3, the DS1876’s input compara-
tor is shared among the six quick-trip alarms (TXP1
HI, TXP1 LO, TXP2 HI, TXP2 LO, BIAS1 HI, and BIAS2
HI). The comparator polls the alarms in a multiplexed
sequence. The updates are used to compare the HTXP1,
LTXP1, HTXP2, and LTXP2 (monitor diode voltages) and
the HBATH1 and HBATH2 (BMON1, BMON2) signals
against the internal APC and BIAS reference, respec-
tively. Depending on the results of the comparison, the
Table 1. Acronyms
Figure 1. Power-Up Timing
Figure 2. TXD1, TXD2 Timing
VCC
VPOA
DAC
SETTINGS
HIGH IMPEDANCE
OFF STATE
LUT VALUE
500µs
tINIT
tOFF
tON
TXD_
DAC
SETTINGS
LUT VALUE
LUT VALUE
OFF STATE
ACRONYM
DESCRIPTION
ADC
Analog-to-Digital Converter
AGC
Automatic Gain Control
APC
Automatic Power Control
APD
Avalanche Photodiode
ATB
Alarm Trap Bytes
DAC
Digital-to-Analog Converter
LOS
Loss of Signal
LUT
Lookup Table
NV
Nonvolatile
QT
Quick Trip
TE
Tracking Error
TIA
Transimpedance Amplifier
ROSA
Receiver Optical Subassembly
SEE
Shadowed EEPROM
SFF
Small Form Factor
SFF-8472
Document Defining Register Map of SFPs
and SFFs
SFP
Small Form Factor Pluggable
SFP+
Enhanced SFP
TOSA
Transmit Optical Subassembly
TXP
Transmit Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com