Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 45Page - Maxim Integrated Products DS1876 Datasheet HTML 46Page - Maxim Integrated Products DS1876 Datasheet HTML 47Page - Maxim Integrated Products DS1876 Datasheet HTML 48Page - Maxim Integrated Products DS1876 Datasheet HTML 49Page - Maxim Integrated Products DS1876 Datasheet HTML 50Page - Maxim Integrated Products DS1876 Datasheet HTML 51Page - Maxim Integrated Products DS1876 Datasheet HTML 52Page - Maxim Integrated Products DS1876 Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
49
Maxim Integrated
SFP Controller with Dual LDD Interface
DS1876
Table 02h, Register 8Ah: CNFGC
Table 02h, Register 8Bh: DEVICE ADDRESS
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL2) or (PW1 and RTBL2)
WRITE ACCESS
PW2 or (PW1 and RWTBL2)
A2h AND B2h MEMORY
Common A2h and B2h memory location
MEMORY TYPE
Nonvolatile (SEE)
8Ah
TXDFG2
TXDFLT2
TXDIO2
TXDFG1
TXDFLT1
TXDIO1
RESERVED
RESERVED
BIT 7
BIT 0
BIT 7
TXDFG2: See Figure 9.
0 = FETG2, an internal signal, has no effect on TXDOUT2.
1 = FETG2 is enabled and ORed with other possible signals to create TXDOUT2.
BIT 6
TXDFLT2: See Figure 9.
0 = TXF2 pin has no effect on TXDOUT2.
1 = TXF2 pin is enabled and ORed with other possible signals to create TXDOUT2.
BIT 5
TXDIO2: See Figure 9.
0 = (default) TXD2 input signal is enabled and ORed with other possible signals to create TXDOUT2.
1 = TXD2 input signal has no effect on TXDOUT2.
BIT 4
TXDFG1: See Figure 9.
0 = FETG1, an internal signal, has no effect on TXDOUT1.
1 = FETG1 is enabled and ORed with other possible signals to create TXDOUT1.
BIT 3
TXDFLT1: See Figure 9.
0 = TXF1 pin has no effect on TXDOUT1.
1 = TXF1 pin is enabled and ORed with other possible signals to create TXDOUT1.
BIT 2
TXDIO1: See Figure 9.
0 = (default) TXD1 input signal is enabled and ORed with other possible signals to create TXDOUT1.
1 = TXD1 input signal has no effect on TXDOUT1.
BITS 1:0
RESERVED
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL2) or (PW1 and RTBL2)
WRITE ACCESS
PW2 or (PW1 and RWTBL2)
A2h AND B2h MEMORY
Common A2h and B2h memory location
MEMORY TYPE
Nonvolatile (SEE)
8Bh
SEE
SEE
SEE
SEE
23
22
21
SEE
BIT 7
BIT 0
This value becomes the I2C slave address for the main memory when the ASEL bit (Table 02h, Register 88h)
is set. If A0h is programmed to this register, the auxiliary memory is disabled. For example, writing xxxx_010x
makes the main device addresses A4h and B4h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com