Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 34 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 34 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 30Page - Maxim Integrated Products DS1876 Datasheet HTML 31Page - Maxim Integrated Products DS1876 Datasheet HTML 32Page - Maxim Integrated Products DS1876 Datasheet HTML 33Page - Maxim Integrated Products DS1876 Datasheet HTML 34Page - Maxim Integrated Products DS1876 Datasheet HTML 35Page - Maxim Integrated Products DS1876 Datasheet HTML 36Page - Maxim Integrated Products DS1876 Datasheet HTML 37Page - Maxim Integrated Products DS1876 Datasheet HTML 38Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
34
Maxim Integrated
SFP Controller with Dual LDD Interface
DS1876
Lower Memory, Register 6Eh: STATUS
POWER-ON VALUE
X0XX 0XXXb
READ ACCESS
All
WRITE ACCESS
See below
A2h AND B2h MEMORY
Mixture of common memory locations and different memory locations (see below)
MEMORY TYPE
Volatile
Write Access
N/A
All
N/A
All
All
N/A
N/A
N/A
6Eh
<D>TXDS
<D>TXDC
<C>IN1S
<C>RSELS
<C>RSELC
<D>TXFS
<D>RAM
<C>RDYB
BIT 7
BIT 0
BIT 7
TXDS1 [A2h]: TXD1 status bit. Reflects the logic state of the TXD1 pin (read-only).
0 = TXD1 pin is logic-low.
1 = TXD1 pin is logic-high.
TXDS2 [B2h]: TXD2 status bit. Reflects the logic state of the TXD2 pin (read-only).
0 = TXD2 pin is logic-low.
1 = TXD2 pin is logic-high.
BIT 6
TXDC1 [A2h]: TXD1 software control bit. This bit allows for software control that is identical to the
TXD1 pin. See the DACs as a Function of Transmit Disable (TXD1, TXD2) section for further infor-
mation. Its value is wire-ORed with the logic value of the TXD1 pin (writable by all users).
0 = (default)
1 = Forces the device into a TXD1 state regardless of the value of the TXD1 pin.
TXDC2 [B2h]: TXD2 software control bit. This bit allows for software control that is identical to the
TXD2 pin. See the DACs as a Function of Transmit Disable (TXD1, TXD2) section for further infor-
mation. Its value is wire-ORed with the logic value of the TXD2 pin (writable by all users).
0 = (default)
1 = Forces the device into a TXD2 state regardless of the value of the TXD2 pin.
BIT 5
IN1S [A2h or B2h]: IN1 status bit. Reflects the logic state of the IN1 pin (read-only).
0 = IN1 pin is logic-low.
1 = IN1 pin is logic-high.
BIT 4
RSELS [A2h or B2h]: RSEL status bit. Reflects the logic state of the RSEL pin (read-only).
0 = RSEL pin is logic-low.
1 = RSEL pin is logic-high.
BIT 3
RSELC [A2h or B2h]: RSEL software control bit. This bit allows for software control that is iden-
tical to the RSEL pin. Its value is wire-ORed with the logic value of the RSEL pin to create the
RSELOUT pin’s logic value (writable by all users).
0 = (default)
1 = Forces the device into a RSEL state regardless of the value of the RSEL pin.
BIT 2
TXFS1 [A2h]: Reflects state of the TXF1 pin (read-only).
0 = TXF1 pin is low.
1 = TXF1 pin is high.
TXFS2 [B2h]: Reflects the state of the TXF2 pin (read-only).
0 = TXF2 pin is low.
1 = TXF2 pin is high.
BIT 1
RAM1 [A2h]: Volatile memory location.
RAM2 [B2h]: Volatile memory location.
BIT 0
RDYB [A2h or B2h]: Ready bar.
0 = VCC is above POA.
1 = VCC is below POA and/or too low to communicate over the I2C bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com