Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 69 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 69 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 61Page - Maxim Integrated Products DS1876 Datasheet HTML 62Page - Maxim Integrated Products DS1876 Datasheet HTML 63Page - Maxim Integrated Products DS1876 Datasheet HTML 64Page - Maxim Integrated Products DS1876 Datasheet HTML 65Page - Maxim Integrated Products DS1876 Datasheet HTML 66Page - Maxim Integrated Products DS1876 Datasheet HTML 67Page - Maxim Integrated Products DS1876 Datasheet HTML 68Page - Maxim Integrated Products DS1876 Datasheet HTML 69Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 69 / 69 page
background image
Maxim Integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim Integrated product. No circuit patent
licenses are implied. Maxim Integrated reserves the right to change the circuitry and specifications without notice at any time. The parametric values (min and
max limits) shown in the Electrical Characteristics table are guaranteed. Other parametric values quoted in this data sheet are provided for guidance.
Maxim Integrated 160 Rio Robles, San Jose, CA 95134 USA 1-408-601-1000
69
©
2010 Maxim Integrated Products, Inc.
Maxim Integrated and the Maxim Integrated logo are trademarks of Maxim Integrated Products, Inc.
SFP Controller with Dual LDD Interface
DS1876
Auxiliary Memory A0h, Register 80h–FFh: EEPROM
Applications Information
Power-Supply Decoupling
To achieve best results, it is recommended that the power
supply is decoupled with a 0.01FF or a 0.1FF capacitor.
Use high-quality, ceramic, surface-mount capacitors,
and mount the capacitors as close as possible to the
VCC and GND pins to minimize lead inductance.
SDA and SCL Pullup Resistors
SDA is an open-collector output on the DS1876 that
requires a pullup resistor to realize high logic levels. A
master using either an open-collector output with a pul-
lup resistor or a push-pull output driver can be used for
SCL. Pullup resistor values should be chosen to ensure
that the rise and fall times listed in the I2C AC Electrical
Characteristics table are within specification.
Package Information
For the latest package outline information and land patterns, go
to www.maximintegrated.com/packages. Note that a “+”, “#”,
or “-” in the package code indicates RoHS status only. Package
drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
FACTORY DEFAULT
00h
READ ACCESS
All
WRITE ACCESS
PW2 or (PW1 and WAUXB) or (WAUXBU)
MEMORY TYPE
Nonvolatile (EE)
80h–FFh
27
26
25
24
23
22
21
20
BIT 7
BIT 0
Accessible with the slave address A0h.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
28 TQFN-EP
T2855+6
21-0140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com