Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 18Page - Maxim Integrated Products DS1876 Datasheet HTML 19Page - Maxim Integrated Products DS1876 Datasheet HTML 20Page - Maxim Integrated Products DS1876 Datasheet HTML 21Page - Maxim Integrated Products DS1876 Datasheet HTML 22Page - Maxim Integrated Products DS1876 Datasheet HTML 23Page - Maxim Integrated Products DS1876 Datasheet HTML 24Page - Maxim Integrated Products DS1876 Datasheet HTML 25Page - Maxim Integrated Products DS1876 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
22
Maxim Integrated
SFP Controller with Dual LDD Interface
DS1876
EEPROM Write Cycles: When EEPROM writes occur,
the DS1876 writes the whole EEPROM memory page,
even if only a single byte on the page was modified.
Writes that do not modify all 8 bytes on the page are
allowed and do not corrupt the remaining bytes of
memory on the same page. Because the whole page
is written, bytes on the page that were not modi-
fied during the transaction are still subject to a write
cycle. This can result in a whole page being worn
out over time by writing a single byte repeatedly.
Writing a page 1 byte at a time wears the EEPROM
out 8x faster than writing the entire page at once. The
DS1876’s EEPROM write cycles are specified in the
Nonvolatile Memory Characteristics table. The speci-
fication shown is at the worst-case temperature. It can
handle approximately 10x that many writes at room
temperature. Writing to SRAM-shadowed EEPROM
memory with SEEB = 1 does not count as a EEPROM
write cycle when evaluating the EEPROM’s estimated
lifetime.
Reading a Single Byte from a Slave: Unlike the
write operation that uses the memory address byte
to define where the data is to be written, the read
operation occurs at the present value of the memory
address counter. To read a single byte from the slave,
the master generates a START condition, writes the
slave address byte with R/W = 1, reads the data byte
with a NACK to indicate the end of the transfer, and
generates a STOP condition.
Manipulating the Address Counter for Reads: A
dummy write cycle can be used to force the address
pointer to a particular value. To do this, the mas-
ter generates a START condition, writes the slave
address byte (R/W = 0), writes the memory address
where it desires to read, generates a repeated START
condition, writes the slave address byte (R/W = 1),
reads data with ACK or NACK as applicable, and
generates a STOP condition.
Memory Organization
The DS1876 features nine separate memory tables
that are internally organized into 8-byte rows. The main
device located at A2h is used for overall device con-
figuration and transmitter 1 control, calibration, alarms,
warnings, and monitoring.
Lower Memory, A2h is addressed from 00h–7Fh and
contains alarm and warning thresholds, flags, masks,
several control registers, password entry area (PWE),
and the table-select byte.
Table 01h, A2h primarily contains user EEPROM (with
PW1 level access) as well as alarm and warning enable
bytes.
Table 02h, A2h/B2h is a multifunction space that con-
tains configuration registers, scaling and offset values,
passwords, and interrupt registers as well as other mis-
cellaneous control bytes. All functions and status can be
written and read from either A2h or B2h addresses.
Table 04h, A2h contains a temperature-indexed LUT for
control of the MOD1 voltage. The MOD1 LUT can be pro-
grammed in 2NC increments over the -40NC to +102NC
range. This also contains a temperature-indexed LUT for
the MOD1 offsets.
Table 05h, A2h is empty by default. It can be config-
ured to contain the alarm and warning enable bytes
from Table 01h, Registers F8h–FFh with the MASK bit
enabled (Table 02h, Register 88h). In this case Table
01h is empty.
Table 06h, A2h contains a temperature-indexed LUT for
control of the APC1 voltage. The APC1 LUT can be pro-
grammed in 2NC increments over the -40NC to +102NC
range. This also contains a temperature-indexed LUT for
the APC1 offsets.
The main device located at B2h is used for transmitter 2
control, calibration, alarms, warnings, and monitoring.
Lower Memory, B2h is addressed from 00h–7Fh and
contains alarm and warning thresholds, flags, masks,
several control registers, PWE, and the table-select byte.
Table 01h, B2h contains alarm and warning enable
bytes.
Table 04h, B2h contains a temperature-indexed LUT for
control of the MOD2 voltage. The MOD2 LUT can be pro-
grammed in 2NC increments over the -40NC to +102NC
range. This also contains a temperature-indexed LUT for
the MOD2 offsets.
Table 05h, B2h is empty by default. It can be config-
ured to contain the alarm and warning enable bytes
from Table 01h, Registers F8h–FFh with the MASK bit
enabled (Table 02h, Register 88h). In this case Table
01h is empty.
Table 06h, B2h contains a temperature-indexed LUT for
control of the APC2 voltage. The APC2 LUT can be pro-
grammed in 2NC increments over the -40NC to +102NC
range. This also contains a temperature-indexed LUT for
the APC2 offsets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com