Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 15Page - Maxim Integrated Products DS1876 Datasheet HTML 16Page - Maxim Integrated Products DS1876 Datasheet HTML 17Page - Maxim Integrated Products DS1876 Datasheet HTML 18Page - Maxim Integrated Products DS1876 Datasheet HTML 19Page - Maxim Integrated Products DS1876 Datasheet HTML 20Page - Maxim Integrated Products DS1876 Datasheet HTML 21Page - Maxim Integrated Products DS1876 Datasheet HTML 22Page - Maxim Integrated Products DS1876 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 69 page
background image
19
Maxim Integrated
SFP Controller with Dual LDD Interface
DS1876
Transmit Fault (TXFOUT) Output
TXFOUT can be triggered by all alarms, warnings, QTs,
TXD1, TXD2, TXF1, and TXF2 (see Figure 9). The six
ADC alarms and warnings are controlled by enable bits
(Table 01h/05h, Registers F8h and FCh). See Figures
11a and 11b for nonlatched and latched operation for
TXFOUT. The CNFGB register (Table 02h, Register 89h)
controls the latching of the alarms.
Die Identification
The DS1876 has an ID hardcoded in its memory. Two
registers (Table 02h, Registers 86h
-87h) are assigned
for this feature. Register 86h reads 76h to identify the
part as the DS1876; Register 87h reads the present
device version.
I2C Communication
I2C Definitions
The following terminology is commonly used to describe
I2C data transfers.
Master Device: The master device controls the slave
devices on the bus. The master device generates SCL
clock pulses and START and STOP conditions.
Slave Devices: Slave devices send and receive data
at the master’s request.
Bus Idle or Not Busy: Time between STOP and
START conditions when both SDA and SCL are inac-
tive and in their logic-high states.
START Condition: A START condition is generated
by the master to initiate a new data transfer with a
slave. Transitioning SDA from high to low while SCL
remains high generates a START condition. See
Figure 12 for applicable timing.
STOP Condition: A STOP condition is generated
by the master to end a data transfer with a slave.
Transitioning SDA from low to high while SCL remains
high generates a STOP condition. See Figure 12 for
applicable timing.
Repeated START Condition: The master can use
a repeated START condition at the end of one data
transfer to indicate that it will immediately initiate a
new data transfer following the current one. Repeated
STARTs are commonly used during read operations
to identify a specific memory address to begin a data
transfer. A repeated START condition is issued identi-
cally to a normal START condition. See Figure 12 for
applicable timing.
Bit Write: Transitions of SDA must occur during the
low state of SCL. The data on SDA must remain valid
and unchanged during the entire high pulse of SCL
plus the setup and hold time requirements (Figure 12).
Data is shifted into the device during the rising edge
of the SCL.
Bit Read: At the end of a write operation, the master
must release the SDA bus line for the proper amount
of setup time (Figure 12) before the next rising edge
Figure 11a. TXFOUT Nonlatched Operation
Figure 11b. TXFOUT Latched Operation
DETECTION OF TXFOUT FAULT
TXFOUT
DETECTION OF TXFOUT FAULT
TXD_ OR TXFOUT RESET
TXFOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com