Electronic Components Datasheet Search
  English  ▼

X  

LTC4261 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4261
Description  Negative Voltage Hot Swap Controller with Energy Monitor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4261 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC4261 Datasheet HTML 2Page - Analog Devices LTC4261 Datasheet HTML 3Page - Analog Devices LTC4261 Datasheet HTML 4Page - Analog Devices LTC4261 Datasheet HTML 5Page - Analog Devices LTC4261 Datasheet HTML 6Page - Analog Devices LTC4261 Datasheet HTML 7Page - Analog Devices LTC4261 Datasheet HTML 8Page - Analog Devices LTC4261 Datasheet HTML 9Page - Analog Devices LTC4261 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
LTC4283
6
Rev. B
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Pins
VUVH(TH)
UVH Input Threshold
UVH Rising
l
2.028
2.048
2.068
V
VUVL(TH)
UVL Input Threshold
UVL Falling
l
1.815
1.833
1.851
V
∆VUV(HYST)
Built-In UV Hysteresis
UVH and UVL Tied Together
l
204
215
226
mV
dVUV(HYST)
UVH, UVL Minimum Hysteresis
11
mV
VUVLR(TH)
UVL Reset Threshold
UVL Falling
l
1
1.024
1.05
V
∆VUVLR(HYST) UVL Reset Hysteresis
21
mV
VOV(TH)
OV Input Threshold
OV Rising
l
1.392
1.406
1.42
V
∆VOV(HYST)
OV Input Hysteresis
l
10
24
38
mV
VOUTL(TH)
VOUT Low Threshold
RTNS – DRNS Falling, VOUTTH = 0.8V
l
VOUTTH
– 0.06
VOUTTH
VOUTTH +
0.06
V
∆VOUTL(HYST) VOUT Low Hysteresis
40
mV
VEN#(TH)
EN# Input Threshold
EN# Falling
l
1.248
1.28
1.312
V
∆VEN#(HYST) EN# Input Hysteresis
18
mV
VWP(TH)
WP Input Threshold
WP Rising
l
1.2
1.65
2.1
V
∆VWP(HYST)
WP Input Hysteresis
100
mV
VINPUT(TH)
ADIO1-4, PGIO1-4 Input Threshold
ADIO1-4, PGIO1-4 Rising
l
1.248
1.28
1.312
V
∆VINPUT(HYST) ADIO1-4, PGIO1-4 Input Hysteresis
18
mV
IINPUT
DRNS, EN#, OV, RTNS, UVL, UVH,
VOUTTH, WP Input Current
DRNS, EN#, OV, RTNS, UVL, UVH, VOUTTH,
WP = 3V
l
0
±1
µA
Output Pins
VOL
ADIO1-4, PGIO1-4 Output Low Voltage
I = 5mA
l
0.15
0.4
V
ILEAK
ADIO1-4, PGIO1-4 Leakage Current
ADIO1-4 = INTVCC, PGIO1-4 = VIN
l
0
±1
µA
VREF
VREF Output Voltage
IVREF = –200µA, 0, 400µA
l
1.01
1.024
1.038
V
rREF
VREF to ADC VFS Ratio
IVREF = –200µA, 0, 400µA
l
0.495
0.5
0.505
ADC
Resolution (No Missing Codes) (Note 6)
RTNS, ADIN1-4, ADIO1-4,
DRNS, DRAIN, (SENSE+ –
SENSE–), Power
ADC = 000b l
8
Bits
ADC = 010b l
10
Bits
ADC = 100b l
12
Bits
ADC = 110b l
14
Bits
ADC = xx1b l
14
16
Bits
(ADIN2 – ADIN1),
(ADIN4 – ADIN3),
(ADIO2 – ADIO1),
(ADIO4 – ADIO3)
ADC = 000b l
7
Bits
ADC = 010b l
9
Bits
ADC = 100b l
11
Bits
ADC = 110b l
13
Bits
ADC = xx1b l
13
15
Bits
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, IIN + IVZ = 4mA with VIN Connected to VZ. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com