Electronic Components Datasheet Search
  English  ▼

X  

LTC4261 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC4261
Description  Negative Voltage Hot Swap Controller with Energy Monitor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4261 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC4261 Datasheet HTML 13Page - Analog Devices LTC4261 Datasheet HTML 14Page - Analog Devices LTC4261 Datasheet HTML 15Page - Analog Devices LTC4261 Datasheet HTML 16Page - Analog Devices LTC4261 Datasheet HTML 17Page - Analog Devices LTC4261 Datasheet HTML 18Page - Analog Devices LTC4261 Datasheet HTML 19Page - Analog Devices LTC4261 Datasheet HTML 20Page - Analog Devices LTC4261 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 74 page
background image
LTC4283
17
Rev. B
For more information www.analog.com
OPERATION
The LTC4283 is designed to turn a board’s supply voltage
on and off in a controlled manner, allowing the board to
be safely inserted or removed from a live, power sys-
tem. In normal operation after a startup debounce delay,
the LTC4283 turns on the external N-channel MOSFET,
passing the power to the load. The inrush control dur-
ing startup is configurable between two methods. One is
programmable active current limiting with an adjustable
foldback factor. The other is constant dV/dt ramp control
of the output voltage using a capacitor connected between
RAMP and VEE. The inrush current is a function of the
RAMP capacitor, the load capacitor and the attenuated
load voltage seen between RTNS and DRNS.
An 11.5V shunt regulator on VIN powers the LTC4283
with an external dropping resistor from the system RTN
node. It also provides the gate drive. An optional buffer
transistor driven by VZ boosts sourcing capability to sup-
ply external loads.
An internally generated 5V supply on INTVCC supplies
the logic control circuits, communication interface, data
converters and EEPROM. Prior to turning on the MOSFET,
both VIN and INTVCC voltages must exceed their under-
voltage lockout thresholds. In addition, the control inputs
UVH, UVL, OV, EN#, PGIO3 and PGIO4 are monitored by
comparators. The MOSFET is held off until all startup con-
ditions are met.
The DRAIN, RTNS − DRNS and GATE voltages are moni-
tored to determine if power is available for the load. Two
power good signals are sequenced on PGIO1 and PGIO2,
each with a delay that is twice the startup debounce delay.
Additionally, PGIO3 serves as a watchdog input to monitor
the output of the DC/DC module. If the module output fails
to come up, the LTC4283 turns off the MOSFET. PGIO4
defaults as an external fault input (inverted). PGIO1-4 can
also be configured into general purpose inputs or outputs.
An overcurrent fault at the output may result in excessive
MOSFET power dissipation during Active Current Limiting
(ACL). To limit this power, the ACL amplifier regulates
the SENSE+ – SENSE− voltage at precise, programmable
values (15mV to 30mV in 1mV steps). When the output
voltage is low, power dissipation is further reduced by
folding back the current limit, with the foldback ratio con-
figurable to 10%, 20%, or 50% of nominal. In the event
of a catastrophic output short when the sensed current
is twice of the current limit, fast response comparator
immediately pulls the GATE pin down with 2.3A.
When active current limiting is engaged, TMR is pulled up
by a current that is proportional to the power dissipation
in the MOSFET. With an RC network representing the ther-
mal behavior of the MOSFET connected between TMR and
VEE, the TMR voltage is proportional to the temperature
rise in the MOSFET. When TMR voltage reaches its thresh-
old of 2.048V (representing TJ(MAX) of the MOSFET), the
overcurrent fault is logged and GATE turns off, allowing
protection of the MOSFET based on true SOA. TMR can
also be configured to drive a single capacitor. Following
the overcurrent fault, the LTC4283 can either latch off the
MOSFET or auto-retry after a cooling delay. Both the retry
delay and the number of retries are configurable, too. The
LTC4283 also logs and responds to other faults including
overvoltage, undervoltage, FET bad, Power Good Input
(PGI) fault, FET short and external fault.
Included in the LTC4283 is a pair of analog to digital con-
verters (ADCs). The ADCs are configurable from 8-bit at
1kHz to 16-bit at 1Hz in five settings. As shown in the
Block Diagram, ADC1 continuously monitors the current
sense voltage between SENSE+ and SENSE−. ADC2 is syn-
chronized to ADC1 and measures the attenuated input
voltage at RTNS or the attenuated MOSFET drain voltage
at DRNS plus one of the fourteen auxiliary inputs. Every
time the ADCs finish taking a measurement, the current
sense voltage is multiplied by the measurement of the
RTNS or DRNS voltage to provide a power measurement.
Every time power is measured, it is added to an energy
accumulator that tracks the input energy or the energy
consumption of the MOSFET. The energy accumulator
can generate an optional alert upon overflow, and can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com