Electronic Components Datasheet Search
  English  ▼

X  

LTC4261 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4261
Description  Negative Voltage Hot Swap Controller with Energy Monitor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4261 Datasheet(HTML) 1 Page - Analog Devices

  LTC4261 Datasheet HTML 1Page - Analog Devices LTC4261 Datasheet HTML 2Page - Analog Devices LTC4261 Datasheet HTML 3Page - Analog Devices LTC4261 Datasheet HTML 4Page - Analog Devices LTC4261 Datasheet HTML 5Page - Analog Devices LTC4261 Datasheet HTML 6Page - Analog Devices LTC4261 Datasheet HTML 7Page - Analog Devices LTC4261 Datasheet HTML 8Page - Analog Devices LTC4261 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
LTC4283
1
Rev. B
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Negative Voltage
Hot Swap Controller with
Energy Monitor
The LTC®4283 negative voltage hot swap controller drives
an external N-channel MOSFET to allow a board to be
safely inserted and removed from a live backplane. The
device features programmable current limit with foldback
and independently adjustable inrush current to optimize
the MOSFET safe operating area (SOA). The SOA timer
limits MOSFET temperature rise for reliable protection
against overstresses.
An I2C interface and onboard gear-shift ADC allow moni-
toring of board current, voltage, power, energy, and fault
status. An available single-wire broadcast mode simplifies
the interface by eliminating two isolators. The included
EEPROM provides black-box capturing and nonvolatile
configuration of fault behavior.
Additional features respond to input UV/OV, interrupt the
host when a fault has occurred, notify when output power
is good, detect insertion of a board, turn off the MOSFET
if an external supply monitor fails to indicate power good
within a timeout period, and auto-reboot after a program-
mable delay following a host commanded turn-off.
–48V/600W Hot Swap Controller with Telemetry
LTC4283 Startup Behavior
APPLICATIONS
n
Allows Safe Insertion into Live –48V Backplanes
n
Protects MOSFET with SOA Timer
n
Programmable 15mV to 30mV Current Limit Sense
Voltage with <3.3% Accuracy and Adjustable Foldback
n
8-Bit to 16-Bit Gear-Shift ADC with 0.7% Accuracy
n
Monitors Voltages, Currents, Power and Energy
n
Nonvolatile Configuration and Fault Recording
n
Floating Topology for Rugged High Voltage Operation
n
Selectable Inrush Control: dV/dt or Current Limit
n
I2C/SMBus or Single-Wire Broadcast Interfaces
n
Min/Max ADC Measurement Logging with Alerts
n
Reboots on I2C Command with Programmable Delay
n
Adjustable Input UV/OV Thresholds and Hysteresis
n
38-Pin 5mm × 7mm QFN Package
n
Telecom Infrastructure
n
–48V Distributed Power Systems
n
Servers and Data Centers
n
Power Monitors
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, including 8230151, 7382167, 9634480, 9634481, 10263414.
487k
1µF
0.5m
4×1k IN SERIES
0.25W EACH
0.1µF
4
4
4
5.11k
PSMN4R8-100BSE ×2
470
100k
14.3k
10k
200k
5.11k
200k
100nF
500µF
4.7nF
68nF
18.2k
1.13M
RTN
UVH
UVL
OV
–48V
INPUT
ADIN
TMR
VEE
INTVCC
SENSE+
GATE DRAIN
VZ VIN
RTNS
SCL
SDAI
SDAO
ALERT#
ADIO
PGIO
LTC4283
RTN
(SHORT PIN)
VEE
DRNS
EN#
UV = 38.6V
UV RELEASE AT 43.1V
OV = 71.9V
OV RELEASE AT 70.7V
VEE
4283 TA01a
VEE
VEE
VEE
VEE
RAMP
SENSE–
VOUT
+
–
VLOAD
25ms/DIV
4283 TA01b
VGATE
10V/DIV
VOUT
50V/DIV
–48V INPUT
50V/DIV
IINRUSH
5A/DIV
CONTACT
BOUNCE
128ms DEBOUNCE


Similar Part No. - LTC4261

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4261 LINER-LTC4261 Datasheet
370Kb / 32P
Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
LTC4261 LINER-LTC4261 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4261 LINER-LTC4261 Datasheet
761Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4261 LINER-LTC4261 Datasheet
1Mb / 32P
Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
logo
Analog Devices
LTC4261 AD-LTC4261 Datasheet
3Mb / 82P
High Power Negative Voltage Hot Swap Controller with Energy Monitor
07/21-REV.B
More results

Similar Description - LTC4261

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
Negative Voltage Hot Swap Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
logo
Analog Devices
LTC4284 AD-LTC4284 Datasheet
3Mb / 82P
High Power Negative Voltage Hot Swap Controller with Energy Monitor
07/21-REV.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com