Electronic Components Datasheet Search
  English  ▼

X  

LTC4261 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC4261
Description  Negative Voltage Hot Swap Controller with Energy Monitor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4261 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC4261 Datasheet HTML 5Page - Analog Devices LTC4261 Datasheet HTML 6Page - Analog Devices LTC4261 Datasheet HTML 7Page - Analog Devices LTC4261 Datasheet HTML 8Page - Analog Devices LTC4261 Datasheet HTML 9Page - Analog Devices LTC4261 Datasheet HTML 10Page - Analog Devices LTC4261 Datasheet HTML 11Page - Analog Devices LTC4261 Datasheet HTML 12Page - Analog Devices LTC4261 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
LTC4283
9
Rev. B
For more information www.analog.com
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All Currents into device pins are positive and all currents out
of device pins are negative. All voltages are referenced to VEE unless
otherwise specified.
Note 3: When VZ is connected to VIN, an internal shunt regulator limits the
voltage to a minimum of 11V. Driving the pins above 11V may damage the
part. These pins can be safely biased by a higher voltage using a resistor
or current source that limits the current below 50mA.
Note 4: An internal clamp limits DRAIN to a minimum of 3.2V. Driving
this pin to voltages above the clamp may damage the part. The pin can
be safely tied to higher voltages through a resistor that limits the current
below 1.5mA.
Note 5: An internal clamp limits EN# to a minimum of 6V. Driving this pin
to voltages above the clamp may damage the part. The pin can be safely
tied to higher voltages through a resistor that limits the current below 5mA.
Note 6: Guaranteed by design and characterization. Not tested in
production.
Note 7: Tested at 12-bit resolution and guaranteed for other resolutions by
design and characterization.
Note 8: EEPROM endurance and retention are guaranteed by design,
characterization and correlation with statistical process controls.
Note 9: EEPROM endurance and retention will be degraded when TJ > 85°C.
I2C TIMING DIAGRAM
tSP
tBUF
tSU,STO
tSP
tHD,STA
START
CONDITION
STOP
CONDITION
tSU,STA
tHD,DATI
tHD,DATO
REPEATED START
CONDITION
REPEATED START
CONDITION
tSU,DAT
SDA
SCL
tHD,STA
4283 TD
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com