Electronic Components Datasheet Search
  English  ▼

X  

LTC4261 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC4261
Description  Negative Voltage Hot Swap Controller with Energy Monitor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4261 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC4261 Datasheet HTML 16Page - Analog Devices LTC4261 Datasheet HTML 17Page - Analog Devices LTC4261 Datasheet HTML 18Page - Analog Devices LTC4261 Datasheet HTML 19Page - Analog Devices LTC4261 Datasheet HTML 20Page - Analog Devices LTC4261 Datasheet HTML 21Page - Analog Devices LTC4261 Datasheet HTML 22Page - Analog Devices LTC4261 Datasheet HTML 23Page - Analog Devices LTC4261 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 74 page
background image
LTC4283
20
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
where VGS is the gate-to-source voltage of the MOSFET
(positive for an enhancement mode and negative for a
depletion mode transistor) . When using an enhancement
mode transistor, VZ voltage must be kept lower than its
absolute maximum of 16V:
VZ(MAX) = VIN(MAX) + VGS < 16V
In Figure 2b and Figure 3, the voltage drop and power
dissipation in the NPN or the MOSFET may be augmented
by the use of one or more resistors in series with the col-
lector or drain. If an external 12V supply is available on
the application board, it may be used to drive the VIN pin
directly as shown in Figure 4.
Turn-On Sequence
The following conditions must be satisfied before the
turn-on sequence is started. First the voltage at VIN must
exceed the undervoltage lockout level of 8.1V. Next the
internal supply INTVCC must cross its 4V undervoltage
lockout level. This generates a 1.3ms power-on-reset
delay. After the delay times out, the voltages at UVH, UVL
and OV must satisfy UVH > 2.048V, UVL > 1.833V and
OV < 1.406V to indicate that the input power is within the
acceptable range, and EN# must be pulled low. All the
above conditions must be satisfied throughout the dura-
tion of the startup debounce delay of 128ms. If any of the
above conditions is violated during the delay, the delay is
reset and restarted. After the delay expires, if the ON bit
in CONTROL_1 register 0x0A is high, the LTC4283 turns
on the MOSFET. Otherwise, the MOSFET will be turned
on (without additional delay) when the ON bit is set to 1
through the I2C interface. When all turn-on conditions are
satisfied, the FET_ON_STATUS bit in SYSTEM_STATUS
register 0x00 is set to 1, indicating the MOSFET is com-
manded on.
Figure 2a. –48V/600W Dual-Feed Hot Swap Controller with LTC4283 (Part One)
RH
750
1%
4
4
0.5m
RS1
R2
20k
1%
R1
10k
1%
CE1
4.7nF
CE2
68nF
RE1
18.2k
1%
RE2
1.13M
1%
CUV
100nF
Q3
2N5401
R4
100k
R5
100k
100A
R8
10k
R6
100k
R7
100k
CEN
1µF
R10
100k
HZS5C1
100A
100A
100A
R9
10k
RRT
200k
1%
RRB
5.11k
1%
R3
499k
1%
Q4
2N5401
R11
5.62k
1%
R12
20k
1%
RTN A
UVH
UVL
OV
–48V B
ADIN1-4
TMR
VEE
SENSE– SENSE+
RAMP
ADIO1-4
LTC4283
DVDT = 0
THERM_TMR = 1
PWRGD_RESET_CNTRL = 1
ILIM = 0001
FB = 11
FB_DIS = 1
LPFB = 1
4283 F02a
EN#
UV = 32.4V
UV RELEASE AT 35.3V
OV = 74.5V
OV RELEASE AT 73.2V
VEE
LTC4371
RTN B
–48V A
LTC4355
1N4148
×2
RTNS
A
B
BACKPLANE PLUG-IN
CARD
VEE
2m
×4
VOUTTH
VREF
VEE
BATTERY OPERATED
(SUBJECT TO –36V INPUT STEPS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com