Electronic Components Datasheet Search
  English  ▼

X  

SH7044 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # SH7044
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7044 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button SH7044 Datasheet HTML 107Page - Renesas Technology Corp SH7044 Datasheet HTML 108Page - Renesas Technology Corp SH7044 Datasheet HTML 109Page - Renesas Technology Corp SH7044 Datasheet HTML 110Page - Renesas Technology Corp SH7044 Datasheet HTML 111Page - Renesas Technology Corp SH7044 Datasheet HTML 112Page - Renesas Technology Corp SH7044 Datasheet HTML 113Page - Renesas Technology Corp SH7044 Datasheet HTML 114Page - Renesas Technology Corp SH7044 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 923 page
background image
73
RES = 0
Power-on reset state
Manual reset state
Sleep mode
Standby mode
Program execution state
Bus release state
Exception processing state
RES = 1
MRES = 1
RES = 1
When an interrupt source
or DMA address error occurs
NMI interrupt
source occurs
Exception
processing
ends
Bus request
generated
Exception
processing
source occurs
Bus request
cleared
Bus request
generated
Bus request
cleared
SBY bit
cleared
for SLEEP
instruction
SBY bit set
for SLEEP
instruction
From any state
when
RES = 0
From any state when
RES = 1 and MRES = 0
Reset states
Power-down state
Bus request
generated
Bus request
cleared
Figure 2.6 Transitions between Processing States
Reset State: The CPU resets in the reset state. When the
RES pin level goes low, a power-on reset
results. When the
RES pin is high and MRES is low, a manual reset will occur.
Exception Processing State: The exception processing state is a transient state that occurs when
exception processing sources such as resets or interrupts alter the CPU’s processing state flow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com