Electronic Components Datasheet Search
  English  ▼

X  

SH7044 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # SH7044
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7044 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button SH7044 Datasheet HTML 109Page - Renesas Technology Corp SH7044 Datasheet HTML 110Page - Renesas Technology Corp SH7044 Datasheet HTML 111Page - Renesas Technology Corp SH7044 Datasheet HTML 112Page - Renesas Technology Corp SH7044 Datasheet HTML 113Page - Renesas Technology Corp SH7044 Datasheet HTML 114Page - Renesas Technology Corp SH7044 Datasheet HTML 115Page - Renesas Technology Corp SH7044 Datasheet HTML 116Page - Renesas Technology Corp SH7044 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 923 page
background image
75
CPU returns to ordinary program execution state through the exception processing state after the
oscillator stabilization time has elapsed. In this mode, power consumption drops markedly, since
the oscillator stops (table 2.18).
Table 2.18
Power-Down State
State
Mode
Transition
Conditions Clock CPU
On-Chip
Peripheral
Modules
CPU
Registers
On-Chip
Cache or
On-Chip
RAM
I/O
Port
Pins
Canceling
Sleep
Execute
SLEEP
instruction
with SBY bit
cleared to 0
in SBYCR
Run
Halt
Run
Held
Held
Held
• Interrupt
• DMA address
error
• Power-on reset
• Manual reset
Stand-
by
Execute
SLEEP
instruction
with SBY bit
set to 1 in
SBYCR
Halt
Halt
Halt and
initialize*
Held
Held
Held or
Hi-Z
(select-
able)
• NMI interrupt
• Power-on reset
• Manual reset
Note: * Differs depending on the peripheral module and pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com