Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLP300S 0.3-Inch 3.6-Megapixel DMD for Low Cost TI DLP짰 3D Printers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 29 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 25Page - Texas Instruments DLPA2000 Datasheet HTML 26Page - Texas Instruments DLPA2000 Datasheet HTML 27Page - Texas Instruments DLPA2000 Datasheet HTML 28Page - Texas Instruments DLPA2000 Datasheet HTML 29Page - Texas Instruments DLPA2000 Datasheet HTML 30Page - Texas Instruments DLPA2000 Datasheet HTML 31Page - Texas Instruments DLPA2000 Datasheet HTML 32Page - Texas Instruments DLPA2000 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
9 Power Supply Recommendations
The following power supplies are all required to operate the DMD:
• VSS
• VBIAS
• VDD
• VDDI
• VOFFSET
• VRESET
DMD power-up and power-down sequencing is strictly controlled by the DLPAxxxx device.
CAUTION
For reliable operation of the DMD, the following power supply sequencing requirements must be
followed. Failure to adhere to any of the prescribed power-up and power-down requirements may
affect device reliability. See the DMD power supply sequencing requirements in Figure 9-1.
VBIAS, VDD, VDDI, VOFFSET, and VRESET power supplies must be coordinated during power-up and
power-down operations. Failure to meet any of the below requirements significantly reduces DMD
reliability and lifetime. Common ground VSS must also be connected.
9.1 DMD Power Supply Power-Up Procedure
• During power-up, VDD and VDDI must always start and settle before VOFFSET, VBIAS, and VRESET voltages are
applied to the DMD.
• During power-up, it is a strict requirement that the voltage difference between VBIAS and VOFFSET must be
within the specified limit shown in Section 6.4. Refer to Table 9-1 for power-up delay requirements.
• During power-up, there is no requirement for the relative timing of VRESET with respect to VBIAS and VOFFSET.
• Power supply slew rates during power-up are flexible, provided that the transient voltage levels follow the
requirements specified in Section 6.1, in Section 6.4, and in Section 9.3.
• During power-up, LPSDR input pins must not be driven high until after VDD /VDDI have settled at operating
voltages listed in Section 6.4.
9.2 DMD Power Supply Power-Down Procedure
• Power-down sequence is the reverse order of the previous power-up sequence. During power-down, VDD and
VDDI must be supplied until after VBIAS, VRESET, and VOFFSET are discharged to within 4 V of ground.
• During power-down, it is a strict requirement that the voltage difference between VBIAS and VOFFSET must be
within the specified limit shown in Section 6.4.
• During power-down, there is no requirement for the relative timing of VRESET with respect to VBIAS and
VOFFSET.
• Power supply slew rates during power-down are flexible, provided that the transient voltage levels follow the
requirements specified in Section 6.1, in Section 6.4, and in Section 9.3.
• During power-down, LPSDR input pins must be less than VDD /VDDI specified in Section 6.4.
www.ti.com
DLP300S
DLPS214A – JULY 2021 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: DLP300S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com