Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLP300S 0.3-Inch 3.6-Megapixel DMD for Low Cost TI DLP짰 3D Printers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 4 Page - Texas Instruments

  DLPA2000 Datasheet HTML 1Page - Texas Instruments DLPA2000 Datasheet HTML 2Page - Texas Instruments DLPA2000 Datasheet HTML 3Page - Texas Instruments DLPA2000 Datasheet HTML 4Page - Texas Instruments DLPA2000 Datasheet HTML 5Page - Texas Instruments DLPA2000 Datasheet HTML 6Page - Texas Instruments DLPA2000 Datasheet HTML 7Page - Texas Instruments DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Table 5-1. Pin Functions – Connector Pins(1) (continued)
PIN
TYPE
SIGNAL
DATA RATE
DESCRIPTION
PACKAGE NET
LENGTH(2) (mm)
NAME
NO.
VOFFSET
D1
Power
Supply voltage for HVCMOS core
logic. Supply voltage for stepped
high level at micromirror address
electrodes.
Supply voltage for offset level at
micromirrors.
VOFFSET
D17
Power
VRESET
B1
Power
Supply voltage for negative reset level
at micromirrors.
VRESET
B18
Power
VDD
B6
Power
VDD
B10
Power
VDD
B19
Power
VDD
C6
Power
Supply voltage for LVCMOS core logic.
Supply voltage for LPSDR inputs.
Supply voltage for normal high level at
micromirror address electrodes.
VDD
C10
Power
VDD
C19
Power
VDD
D2
Power
VDD
D18
Power
VDD
D19
Power
VDDI
B2
Power
Supply voltage for SubLVDS receivers.
VDDI
C2
Power
VDDI
C3
Power
VDDI
D3
Power
VSS
B3
Ground
Common return.
Ground for all power.
VSS
B4
Ground
VSS
B8
Ground
VSS
B12
Ground
VSS
B13
Ground
VSS
B14
Ground
VSS
B15
Ground
VSS
B16
Ground
VSS
B17
Ground
VSS
C4
Ground
VSS
C8
Ground
VSS
C16
Ground
VSS
C17
Ground
VSS
D14
Ground
VSS
D15
Ground
VSS
D16
Ground
(1)
Low speed interface is LPSDR and adheres to the Electrical Characteristics and AC/DC Operating Conditions table in JEDEC
Standard No. 209B, Low Power Double Data Rate (LPDDR) JESD209B.
(2)
Net trace lengths inside the package:
Relative dielectric constant for the FQK ceramic package is 9.8.
Propagation speed = 11.8 / sqrt (9.8) = 3.769 inches/ns.
Propagation delay = 0.265 ns/inch = 265 ps/inch = 10.43 ps/mm.
(3)
The following power supplies are all required to operate the DMD: VSS, VDD, VDDI, VOFFSET, VBIAS, VRESET.
DLP300S
DLPS214A – JULY 2021 – REVISED AUGUST 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLP300S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com