Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLP300S 0.3-Inch 3.6-Megapixel DMD for Low Cost TI DLP짰 3D Printers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 19Page - Texas Instruments DLPA2000 Datasheet HTML 20Page - Texas Instruments DLPA2000 Datasheet HTML 21Page - Texas Instruments DLPA2000 Datasheet HTML 22Page - Texas Instruments DLPA2000 Datasheet HTML 23Page - Texas Instruments DLPA2000 Datasheet HTML 24Page - Texas Instruments DLPA2000 Datasheet HTML 25Page - Texas Instruments DLPA2000 Datasheet HTML 26Page - Texas Instruments DLPA2000 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
• RARRAY-TO-CERAMIC = Thermal resistance of package specified in Section 6.5 from array to ceramic TP1
(°C/W)
• QARRAY = Total DMD power on the array (electrical + absorbed) (W)
• QELECTRICAL = Nominal electrical power (W)
• QINCIDENT = measured total illumination optical power at DMD (W)
• QILLUMINATION = (QINCIDENT × DMD average thermal absortivity) (W)
• DMD average thermal absortivity = 0.40
The electrical power dissipation of the DMD is variable and depends on the voltages, data rates, and operating
frequencies. A nominal electrical power dissipation to use when calculating array temperature is 0.1 W. The
absorbed power from the illumination source is variable and depends on the operating state of the micromirrors
and the intensity of the light source. The equations shown above are valid for each DMD chip in a system. It
assumes illumination distribution of 83.7% on the active array and 16.3% on the area outside the array.
QELECTRICAL = 0.1 W
(3)
AINCIDENT = 0.9 W (measured)
(4)
TCERAMIC = 35.0 °C (measured)
(5)
QARRAY = 0.1 W + (0.9 W x 0.40) = 0.46 W
(6)
TARRAY = 35.0 °C + (0.46 W x 5.4 °C /W) = 37.5°C
(7)
7.7 Micromirror Landed-On/Landed-Off Duty Cycle
7.7.1 Definition of Micromirror Landed-On and Landed-Off Duty Cycle
The micromirror landed-on/landed-off duty cycle (landed duty cycle) denotes the amount of time (as a
percentage) that an individual micromirror is landed in the ON state versus the amount of time the same
micromirror is landed in the OFF state.
As an example, a landed duty cycle of 75/25 indicates that the referenced pixel is in the ON state 75% of the
time (and in the OFF state 25% of the time), whereas 25/75 indicates that the pixel is in the OFF state 75% of
the time. Likewise, 50/50 indicates that the pixel is ON 50% of the time and OFF 50% of the time.
When assessing landed duty cycle, the time spent switching from the current state to the opposite state is
considered negligible and is thus ignored.
Because a micromirror can only be landed in one state or the other (ON or OFF), the two numbers (percentages)
nominally add to 100.In practice, image processing algorithms in the DLP chipset can result a total of less that
100.
7.7.2 Landed Duty Cycle and Useful Life of the DMD
Knowing the long-term average landed duty cycle (of the end product or application) is important because
subjecting all (or a portion) of the micromirror array (also called the active array) to an asymmetric landed duty
cycle for a prolonged period of time can reduce the usable life of the DMD.
The symmetry of the landed duty cycle is determined by how close the two numbers (percentages) are to being
equal. For example, a landed duty cycle of 50/50 is perfectly symmetrical whereas a landed duty cycle of 100/0
or 0/100 is perfectly asymmetrical.
7.7.3 Landed Duty Cycle and Operational DMD Temperature
Operational DMD temperature and landed duty cycle interact to affect the usable life of the DMD. This interaction
can be used to reduce the impact that an asymmetrical landed duty cycle has on the useable life of the DMD.
7.7.4 Estimating the Long-Term Average Landed Duty Cycle of a Product or Application
During a given period of time, the landed duty cycle of a given pixel depends on the image content being
displayed by that pixel. To enhance reliability, when coupled with the DLPC1438 controller, the DLP300S DMD
operates at a maximum 78/22 duty cycle and a minimum of 22/78 duty cycle.
www.ti.com
DLP300S
DLPS214A – JULY 2021 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: DLP300S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com