Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLP300S 0.3-Inch 3.6-Megapixel DMD for Low Cost TI DLP짰 3D Printers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 14Page - Texas Instruments DLPA2000 Datasheet HTML 15Page - Texas Instruments DLPA2000 Datasheet HTML 16Page - Texas Instruments DLPA2000 Datasheet HTML 17Page - Texas Instruments DLPA2000 Datasheet HTML 18Page - Texas Instruments DLPA2000 Datasheet HTML 19Page - Texas Instruments DLPA2000 Datasheet HTML 20Page - Texas Instruments DLPA2000 Datasheet HTML 21Page - Texas Instruments DLPA2000 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
6.12 Window Characteristics
PARAMETER(3)
MIN
TYP
MAX
UNIT
Window material
Corning Eagle
XG
Window aperture(1)
See (1)
Illumination overfill(2)
See (2)
Window transmittance, single-pass
through both surfaces and glass (4)
Minimum within the wavelength range 390
nm to 450 nm, 0-30° AOI.
93%
99%
Average within the wavelength range 390 nm
to 450 nm, 0-30° AOI.
98%
99%
Minimum within the wavelength range 450
nm to 550 nm. 0-30° AOI.
75%
90%
(1)
See the package mechanical characteristics for details regarding the size and location of the window aperture.
(2)
The active area of the device is surrounded by an aperture on the inside of the DMD window surface that masks structures of the DMD
device assembly from normal view. The window aperture is sized to anticipate several optical operating conditions. Overfill light directly
illuminating the window aperture can create adverse imaging effects, and additional device heating leading to reduced device lifetime.
Direct incident illumination should be prevented from striking the DMD window aperture.
(3)
See Section 7.5 for more information.
(4)
See the TI application report DLPA031, Wavelength Transmittance Considerations for DLP DMD Window.
SPACER
6.13 Chipset Component Usage Specification
The DLP300S is a component of one or more TI DLP® chipsets. Reliable function and operation of the DLP300S
requires that it be used in conjunction with the other components of the applicable DLP chipset, including
those components that contain or implement TI DMD control technology. TI DMD control technology is the TI
technology and devices for operating or controlling a DLP DMD.
Note
TI assumes no responsibility for image quality artifacts or DMD failures caused by optical system
operating conditions exceeding limits described previously.
6.14 Software Requirements
CAUTION
The DMD has mandatory software requirements. Refer to Software Requirements for TI DLP®Pico®
TRP Digital Micromirror Devices application report for additional information. Failure to use the
specified software results in failure at power up.
DLP300S
DLPS214A – JULY 2021 – REVISED AUGUST 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLP300S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com