Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLP300S 0.3-Inch 3.6-Megapixel DMD for Low Cost TI DLP짰 3D Printers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 5Page - Texas Instruments DLPA2000 Datasheet HTML 6Page - Texas Instruments DLPA2000 Datasheet HTML 7Page - Texas Instruments DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments DLPA2000 Datasheet HTML 10Page - Texas Instruments DLPA2000 Datasheet HTML 11Page - Texas Instruments DLPA2000 Datasheet HTML 12Page - Texas Instruments DLPA2000 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
4X 0.52 mm critical area on aperture
Window
Window
Array
Figure 6-1. Illumination Overfill Diagram - Critical Area
6.5 Thermal Information
THERMAL METRIC(1)
DLP300S
UNIT
FQK (LGA)
57 PINS
Thermal resistance
Active area to test point 1 (TP1)(1)
5.4
°C/W
(1)
The DMD is designed to conduct absorbed and dissipated heat to the back of the package. The cooling system must be capable of
maintaining the package within the temperature range specified in the Section 6.4. The total heat load on the DMD is largely driven by
the incident light absorbed by the active area although other contributions include light energy absorbed by the window aperture and
electrical power dissipation of the array. Optical systems should be designed to minimize the light energy falling outside the window
clear aperture since any additional thermal load in this area can significantly degrade the reliability of the device.
6.6 Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted)(10)
PARAMETER
TEST CONDITIONS(2)
MIN
TYP
MAX
UNIT
CURRENT
IDD
Supply current: VDD(3) (5)
VDD = 1.95 V
60.5
mA
VDD = 1.8 V
54
IDDI
Supply current: VDDI(3) (5)
VDDI = 1.95 V
16.5
mA
VDD = 1.8 V
11.3
IOFFSET
Supply current: VOFFSET(4) (6)
VOFFSET = 10.5 V
2.2
mA
VOFFSET = 10 V
1.5
IBIAS
Supply current: VBIAS(4) (6)
VBIAS = 18.5 V
0.6
mA
VBIAS = 18 V
0.3
IRESET
Supply current: VRESET(6)
VRESET = –14.5 V
2.4
mA
VRESET = –14 V
1.7
POWER(1)
PDD
Supply power dissipation: VDD(3) (5)
VDD = 1.95 V
118
mW
VDD = 1.8 V
95
PDDI
Supply power dissipation: VDDI(3) (5)
VDDI = 1.95 V
32
mW
VDD = 1.8 V
20
POFFSET
Supply power dissipation:
VOFFSET(4) (6)
VOFFSET = 10.5 V
23
mW
VOFFSET = 10 V
15
PBIAS
Supply power dissipation: VBIAS(4) (6)
VBIAS = 18.5 V
11
mW
VBIAS = 18 V
6
PRESET
Supply power dissipation: VRESET(6)
VRESET = –14.5 V
35
mW
VRESET = –14 V
24
PTOTAL
Supply power dissipation: Total
160
219
mW
www.ti.com
DLP300S
DLPS214A – JULY 2021 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: DLP300S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com