Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLP300S 0.3-Inch 3.6-Megapixel DMD for Low Cost TI DLP짰 3D Printers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 22 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 18Page - Texas Instruments DLPA2000 Datasheet HTML 19Page - Texas Instruments DLPA2000 Datasheet HTML 20Page - Texas Instruments DLPA2000 Datasheet HTML 21Page - Texas Instruments DLPA2000 Datasheet HTML 22Page - Texas Instruments DLPA2000 Datasheet HTML 23Page - Texas Instruments DLPA2000 Datasheet HTML 24Page - Texas Instruments DLPA2000 Datasheet HTML 25Page - Texas Instruments DLPA2000 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
7.5.1.2 Pupil Match
The optical and image quality specifications assume that the exit pupil of the illumination optics is nominally
centered within 2° of the entrance pupil of the projection optics. Misalignment of pupils can create objectionable
artifacts in the display border or active area. These artifacts may require additional system apertures to control,
especially if the numerical aperture of the system exceeds the pixel tilt angle.
7.5.1.3 Illumination Overfill
The active area of the device is surrounded by an aperture on the inside of the DMD window surface that masks
structures of the DMD device assembly from normal view. The window aperture is sized to anticipate several
optical operating conditions. Overfill light directly illuminating the window aperture can create adverse imaging
effects, and additional device heating leading to reduced device lifetime. Direct incident illumination should be
prevented from striking the DMD window aperture.
7.6 Micromirror Array Temperature Calculation
Window Edge
(4 surfaces)
TP3
TP2
TP2
TP3
TP1
TP1
Illumination
Direction
Off-state Light
Figure 7-1. Thermal Test Point Location - FQK Package
Micromirror array temperature cannot be measured directly, therefore it must be computed analytically from
measurement points on the outside of the package, the package thermal resistance, the electrical power, and
the illumination heat load. The relationship between array temperature and the reference ceramic temperature
shown as TP1 in Figure 7-1 is provided by the following equations:
TARRAY = TCERAMIC + (QARRAY × RARRAY-TO-CERAMIC)
(1)
QARRAY = QELECTRICAL + QILLUMINATION
(2)
where
• TARRAY = Computed micromirror array temperature (°C)
• TCERAMIC = Measured ceramic temperature (°C) (TP1 location)
DLP300S
DLPS214A – JULY 2021 – REVISED AUGUST 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLP300S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com