Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLP300S 0.3-Inch 3.6-Megapixel DMD for Low Cost TI DLP짰 3D Printers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 13Page - Texas Instruments DLPA2000 Datasheet HTML 14Page - Texas Instruments DLPA2000 Datasheet HTML 15Page - Texas Instruments DLPA2000 Datasheet HTML 16Page - Texas Instruments DLPA2000 Datasheet HTML 17Page - Texas Instruments DLPA2000 Datasheet HTML 18Page - Texas Instruments DLPA2000 Datasheet HTML 19Page - Texas Instruments DLPA2000 Datasheet HTML 20Page - Texas Instruments DLPA2000 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
6.11 Micromirror Array Optical Characteristics
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Micromirror tilt angle
DMD landed state(1)
17
degrees
Micromirror tilt angle tolerance(2) (4) (5) (6)
–1.4
1.4
degrees
Micromirror tilt direction(3) (8)
Landed ON state
180
degrees
Landed OFF state
270
Micromirror crossover time(9)
Typical Performance
1
3
μs
Micromirror switching time(10)
Typical Performance
10
μs
Number of out-of-specification micromirrors(7)
Adjacent micromirrors
0
micromirrors
Non-adjacent micromirrors
10
(1)
Measured relative to the plane formed by the overall micromirror array.
(2)
Additional variation exists between the micromirror array and the package datums.
(3)
When the micromirror array is landed (not parked), the tilt direction of each individual micromirror is dictated by the binary contents of
the CMOS memory cell associated with each individual micromirror. A binary value of 1 results in a micromirror landing in the ON State
direction. A binary value of 0 results in a micromirror landing in the OFF State direction.
(4)
Represents the landed tilt angle variation relative to the nominal landed tilt angle.
(5)
Represents the variation that can occur between any two individual micromirrors, located on the same device or located on different
devices.
(6)
For some applications, it is critical to account for the micromirror tilt angle variation in the overall system optical design. With some
system optical designs, the micromirror tilt angle variation within a device may result in perceivable non-uniformities in the light field
reflected from the micromirror array. With some system optical designs, the micromirror tilt angle variation between devices may result
in colorimetry variations, system efficiency variations or system contrast variations.
(7)
An out-of-specification micromirror is defined as a micromirror that is unable to transition between the two landed states within the
specified Micromirror Switching Time.
(8)
Micromirror tilt direction is measured as in a typical polar coordinate system: measuring counter-clockwise from a 0° reference which is
aligned with the +X Cartesian axis.
(9)
The time required for a micromirror to nominally transition from one landed state to the opposite landed state.
(10) The minimum time between successive transitions of a micromirror.
(1279, 719)
(0, 0)
Off-state
light path
Bond pad 1
Incident
illumination
light path
On-state
landed edge
Tilted axis of
pixel rotation
Off-state
landed edge
Figure 6-18. Landed Pixel Orientation and Tilt
www.ti.com
DLP300S
DLPS214A – JULY 2021 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: DLP300S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com