Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLP300S 0.3-Inch 3.6-Megapixel DMD for Low Cost TI DLP짰 3D Printers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 6Page - Texas Instruments DLPA2000 Datasheet HTML 7Page - Texas Instruments DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments DLPA2000 Datasheet HTML 10Page - Texas Instruments DLPA2000 Datasheet HTML 11Page - Texas Instruments DLPA2000 Datasheet HTML 12Page - Texas Instruments DLPA2000 Datasheet HTML 13Page - Texas Instruments DLPA2000 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
6.6 Electrical Characteristics (continued)
Over operating free-air temperature range (unless otherwise noted)(10)
PARAMETER
TEST CONDITIONS(2)
MIN
TYP
MAX
UNIT
LPSDR INPUT(7)
VIH(DC)
DC input high voltage(9)
0.7 × VDD
VDD + 0.3
V
VIL(DC)
DC input low voltage(9)
–0.3
0.3 × VDD
V
VIH(AC)
AC input high voltage(9)
0.8 × VDD
VDD + 0.3
V
VIL(AC)
AC input low voltage(9)
–0.3
0.2 × VDD
V
∆VT
Hysteresis ( VT+ – VT– )
Figure 6-12
0.1 × VDD
0.4 × VDD
V
IIL
Low–level input current
VDD = 1.95 V; VI = 0 V
–100
nA
IIH
High–level input current
VDD = 1.95 V; VI = 1.95 V
100
nA
LPSDR OUTPUT(8)
VOH
DC output high voltage
IOH = –2 mA
0.8 × VDD
V
VOL
DC output low voltage
IOL = 2 mA
0.2 × VDD
V
CAPACITANCE
CIN
Input capacitance LPSDR
ƒ = 1 MHz
10
pF
Input capacitance SubLVDS
ƒ = 1 MHz
10
pF
COUT
Output capacitance
ƒ = 1 MHz
10
pF
(1)
The following power supplies are all required to operate the DMD: VSS, VDD, VDDI, VOFFSET, VBIAS, VRESET.
(2)
All voltage values are with respect to the ground pins (VSS).
(3)
To prevent excess current, the supply voltage delta |VDDI – VDD| must be less than specified limit.
(4)
To prevent excess current, the supply voltage delta |VBIAS – VOFFSET| must be less than specified limit.
(5)
Supply power dissipation based on non–compressed commands and data.
(6)
Supply power dissipation based on 3 global resets in 200 µs.
(7)
LPSDR specifications are for pins LS_CLK and LS_WDATA.
(8)
LPSDR specification is for pin LS_RDATA.
(9)
Low-speed interface is LPSDR and adheres to the Electrical Characteristics and AC/DC Operating Conditions table in JEDEC
Standard No. 209B, Low-Power Double Data Rate (LPDDR) JESD209B.
(10) Device electrical characteristics are over Section 6.4 unless otherwise noted.
6.7 Timing Requirements
Device electrical characteristics are over Section 6.4 unless otherwise noted.
MIN
NOM
MAX
UNIT
LPSDR
tr
Rise slew rate(1)
(30% to 80%) × VDD, Figure 6-3
1
3
V/ns
tƒ
Fall slew rate(1)
(70% to 20%) × VDD, Figure 6-3
1
3
V/ns
tr
Rise slew rate(2)
(20% to 80%) × VDD, Figure 6-4
0.25
V/ns
tƒ
Fall slew rate(2)
(80% to 20%) × VDD, Figure 6-4
0.25
V/ns
tc
Cycle time LS_CLK,
Figure 6-2
7.7
8.3
ns
tW(H)
Pulse duration LS_CLK high
50% to 50% reference points, Figure
6-2
3.1
ns
tW(L)
Pulse duration LS_CLK low
50% to 50% reference points, Figure
6-2
3.1
ns
tsu
Setup time
LS_WDATA valid before LS_CLK ↑,
Figure 6-2
1.5
ns
t h
Hold time
LS_WDATA valid after LS_CLK ↑,
Figure 6-2
1.5
ns
tWINDOW
Window time(1) (4)
Setup time + Hold time, Figure 6-2
3
ns
tDERATING
Window time derating(1) (4)
For each 0.25 V/ns reduction in slew
rate below 1 V/ns, Figure 6-6
0.35
ns
SubLVDS
DLP300S
DLPS214A – JULY 2021 – REVISED AUGUST 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLP300S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com