Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLP300S 0.3-Inch 3.6-Megapixel DMD for Low Cost TI DLP짰 3D Printers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 4Page - Texas Instruments DLPA2000 Datasheet HTML 5Page - Texas Instruments DLPA2000 Datasheet HTML 6Page - Texas Instruments DLPA2000 Datasheet HTML 7Page - Texas Instruments DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments DLPA2000 Datasheet HTML 10Page - Texas Instruments DLPA2000 Datasheet HTML 11Page - Texas Instruments DLPA2000 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
6.4 Recommended Operating Conditions (continued)
Over operating free-air temperature range (unless otherwise noted)(1) (2)
MIN
NOM
MAX
UNIT
ENVIRONMENTAL
TARRAY
Array Temperature – long-term operational(10) (11) (12)
0
40
°C
Array Temperature - short-term operational, 25 hr max(11) (13)
–20
–10
Array Temperature - short-term operational, 500 hr max(11) (13)
–10
0
|TDELTA |
Absolute Temperature difference between any point on the window
edge and the ceramic test point TP1 (14)
15
°C
TWINDOW
Window temperature – operational(15)
85
°C
TDP-AVG
Average dew point temperature (non-condensing)(16)
24
°C
TDP-ELR
Elevated dew point temperature range (non-condensing)(17)
28
36
°C
CTELR
Cumulative time in elevated dew point temperature range
6
Months
QAP-ILL
Illumination overfil in creitical areal(19) (20)
0
W/cm2
ILLUV
Illumination wavelengths < 380 nm(10)
2 mW/cm2
ILL380 - 390 nm
Illumination wavelengths between 380 nm and 390 nm
55 mW/cm2
ILL390 - 400 nm
Illumination wavelengths between 390 nm and 400 nm
450 mW/cm2
ILL400 - 550 nm
Illumination wavelengths between 400 nm and 550 nm
3
W/cm2
ILL> 550 nm
Illumination wavelengths > 550 nm
10 mW/cm2
ILLθ
Illumination marginal ray angle(18)
55
deg
(1)
Section 6.4 is applicable after the DMD is installed in the final product.
(2)
The functional performance of the device specified in this datasheet is achieved when operating the device within the limits defined by
Section 6.4. No level of performance is implied when operating the device above or below the Section 6.4 limits.
(3)
All voltage values are with respect to the ground pins (VSS).
(4)
VOFFSET supply transients must fall within specified maximum voltages.
(5)
To prevent excess current, the supply voltage delta |VDDI – VDD| must be less than specified limit.
(6)
To prevent excess current, the supply voltage delta |VBIAS – VOFFSET| must be less than specified limit.
(7)
To prevent excess current, the supply voltage delta |VBIAS – VRESET| must be less than specified limit.
(8)
LS_CLK must run as specified to ensure internal DMD timing for reset waveform commands.
(9)
Refer to the SubLVDS timing requirements in Section 6.7.
(10) Simultaneous exposure of the DMD to the maximum limits in Section 6.4 for temperature and UV illumination will reduce device
lifetime.
(11) The array temperature cannot be measured directly and must be computed analytically from the temperature measured at test point 1
(TP1) shown in Figure 7-1 and the Package Thermal Resistance using Section 7.6.
(12) Long-term is defined as the usable life of the device.
(13) Short-term is the total cumulative time over the useful life of the device.
(14) Temperature delta is the highest difference between the ceramic test point 1 (TP1) and anywhere on the window edge shown in Figure
7-1. The window test points TP2 and TP3 shown in Figure 7-1 are intended to result in the worst case delta temperature. If a particular
application causes another point on the window edge to result in a larger delta temperature, that point should be used.
(15) Window temperature is the highest temperature on the window edge shown in Figure 7-1. The locations of thermal test points TP2 and
TP3 in Figure 7-1 are intended to measure the highest window edge temperature. If a particular application causes another point on
the window edge to result in a higher temperature, that point should be used.
(16) The average over time (including storage and operating) that the device is not in the elevated dew point temperature range.
(17) Exposure to dew point temperatures in the elevated range during storage and operation should be limited to less than a total
cumulative time of CTELR.
(18) The maximum marginal ray angle of the incoming illumination light at any point in the micromirror array, including Pond of Micromirrors
(POM), should not exceed 55 degrees from the normal to the device array plane. The device window aperture has not necessarily
been designed to allow incoming light at higher maximum angles to pass to the micromirrors, and the device performance has not
been tested nor qualified at angles exceeding this. Illumination light exceeding this angle outside the micromirror array (including POM)
will contribute to thermal limitations described in this document, and may negatively affect lifetime.
(19) The active area of the device is surrounded by an aperture on the inside of the DMD window surface that masks structures of the DMD
device assembly from normal view. The window aperture is sized to anticipate several optical operating conditions. Overfill light directly
illuminating the window aperture can create adverse imaging effects, and additional device heating leading to reduced device lifetime.
Direct incident illumination should be prevented from striking the DMD window aperture.
(20) Applies to the region in red in Figure 6-1, at the inside plane of the glass window where the physical aperture is located.
DLP300S
DLPS214A – JULY 2021 – REVISED AUGUST 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLP300S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com