Electronic Components Datasheet Search
  English  ▼

X  

SL900A Datasheet(PDF) 59 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 59 Page - ams AG

Back Button SL900A Datasheet HTML 55Page - ams AG SL900A Datasheet HTML 56Page - ams AG SL900A Datasheet HTML 57Page - ams AG SL900A Datasheet HTML 58Page - ams AG SL900A Datasheet HTML 59Page - ams AG SL900A Datasheet HTML 60Page - ams AG SL900A Datasheet HTML 61Page - ams AG SL900A Datasheet HTML 62Page - ams AG SL900A Datasheet HTML 63Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 103 page
background image
ams Datasheet
Page 59
[v1-12] 2018-Oct-29
Document Feedback
SL900A − Alternate Pad Functions
Some functions are multiplexed on same pads, so some
functions of the device can not be used in parallel.
Manual Log Start with Button
The SL900A device supports 2 delayed start possibilities for the
logging. Delayed start means that the logging is not started
immediately when the device receives the Start Log command,
but some time after the reception of this command. The
application can set a fixed delay for the logging, or the logging
can be started manually (without a RFID reader).
Figure 45 shows the external push button connection for the
manual delayed start function. The DIN pin has an integrated
pull-down resistor, so the only required external component is
the button. When the DIN pin is connected to VBAT, the logging
will be started.
Figure 45:
Push Button Connection
In order to enable this function, the application needs to set
the “Delay mode” bit to 1. This is done with the Initialize
command.
Alternate Pad Functions
VBAT
DIN
R=
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com