Electronic Components Datasheet Search
  English  ▼

X  

SL900A Datasheet(PDF) 22 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 22 Page - ams AG

Back Button SL900A Datasheet HTML 18Page - ams AG SL900A Datasheet HTML 19Page - ams AG SL900A Datasheet HTML 20Page - ams AG SL900A Datasheet HTML 21Page - ams AG SL900A Datasheet HTML 22Page - ams AG SL900A Datasheet HTML 23Page - ams AG SL900A Datasheet HTML 24Page - ams AG SL900A Datasheet HTML 25Page - ams AG SL900A Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 103 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-12] 2018-Oct-29
SL900A − System Description
Logging Timer
The SL900A device has an integrated RC oscillator that is
calibrated to 1024Hz. This oscillator drives the logging timer.
The logging timer resolution is 1 second. The maximum period
is 9.1 hours (32768 seconds). The logging interval is
programmed with the SET LOG MODE command.
The measurement real time is derived from 4 parameters - the
Start time (ST ), the Delay time (DT ), the log interval (LT), and
the # of the measurement (NM). This value has to be calculated
in the reader by the equation:
Real time = ST+DT+LT*NM
Delay Time
The SL900A supports delayed start of the logging procedure.
The Delay time has a resolution of 8 minutes - 32 seconds (512
seconds) and a maximum value of 582 hours (12 bits). The delay
time value is set with the Initialize command, while the Delay
time counter starts counting when the device receives the
START LOG command.
The delay time can also be disabled and an external push button
can be used for starting the logging procedure.
Analog to Digital Conversion
The chip has an integrated analog to digital converter with
10-bit resolution and selectable voltage references. By default,
the references are selected as: Vo1 = 260mV and Vo2 = 410mV.
Input voltages between Vo2 and 2xVo2-Vo1 are converted into
a 10-bit ADC value.This results in a nominal voltage input range
of 410mV ~ 560mV, for the temperature conversion this is
nominally -29.3ºC ~ 58.1ºC.
The ADC voltage references are individually selectable in 50mV
steps with a fine adjustment for offset calibration. Additionally,
the Vo1 reference voltage can be tied directly to ground if the
bit “gnd_switch” in the SET CALIBRATION DATA command is set
to 1 (SPI address 0x012). Please note if Vo2 and/or Vo1 are
changed from their default values the calibration of the
temperature sensor is no longer valid.
(EQ1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com