Electronic Components Datasheet Search
  English  ▼

X  

SL900A Datasheet(PDF) 3 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 3 Page - ams AG

  SL900A Datasheet HTML 1Page - ams AG SL900A Datasheet HTML 2Page - ams AG SL900A Datasheet HTML 3Page - ams AG SL900A Datasheet HTML 4Page - ams AG SL900A Datasheet HTML 5Page - ams AG SL900A Datasheet HTML 6Page - ams AG SL900A Datasheet HTML 7Page - ams AG SL900A Datasheet HTML 8Page - ams AG SL900A Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 103 page
background image
ams Datasheet
Page 3
[v1-12] 2018-Oct-29
Document Feedback
SL900A − Pin Assignment
The SL900A QFN-16 pin assignments are described below.
Note(s): The QFN are for ES only and the temperature
performance is not guaranteed.
Figure 3:
QFN-16 Pin Layout
Figure 4:
QFN-16 Pin Description
Pin Number
Pin Name
Description
1
VPOS
RF rectifier output
2
VSSA
Chip substrate ground – connect to antenna ground
3
ANT
Antenna connection
4
DIGI_TEST
Test input – must be left open
5
VREF
Reference voltage output (Vo2)
6
EXT1
Analog input for external sensor
7
EXT2
Analog input for external sensor
8
VSS
Chip substrate ground. Recommended to connect to VSSA.
9
SEN
Enable input for the SPI interface (Active high)
10
SCLK
SPI clock
11
DIN
SPI data input
Pin Assignment
SL900A
1
2
3
4
5678
12
11
10
9
16
15
14
13
VPOS
VSSA
ANT
DIGI_TEST
DOUT
DIN
SCLK
SEN