Electronic Components Datasheet Search
  English  ▼

X  

SL900A Datasheet(PDF) 48 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 48 Page - ams AG

Back Button SL900A Datasheet HTML 44Page - ams AG SL900A Datasheet HTML 45Page - ams AG SL900A Datasheet HTML 46Page - ams AG SL900A Datasheet HTML 47Page - ams AG SL900A Datasheet HTML 48Page - ams AG SL900A Datasheet HTML 49Page - ams AG SL900A Datasheet HTML 50Page - ams AG SL900A Datasheet HTML 51Page - ams AG SL900A Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 103 page
background image
Page 48
ams Datasheet
Document Feedback
[v1-12] 2018-Oct-29
SL900A − Logging Formats
The logging format is selected with the SET LOG MODE
command in the “Logging Mode[2:0]” field.
Figure 24:
Supported Logging Formats
Dense Logging Form
The dense logging form provides maximum usage of the
non-volatile memory space. 8 sensor values are stored into 5
words of memory when only the internal temperature sensor is
used:
Figure 25:
Dense Form - Only Internal Temperature Sensor
Logging Mode [2:0]
Logging Form
Description
Bit 2
Bit 1
Bit 0
00
0
Dense
All values are stored to the measurement area. No additional
time information is stored to the measurement area.
00
1
All values out of
limits
All values that are out of the specified limits are stored to the
measurement area. Limits comparison is done on the
selected sensor (“Verify sensor ID [1:0]”). The measurement
number is stored, additional to the sensor value.
0
1
0
RFU
Reserved for future use – this setting is not allowed
0
1
1
Limits crossing
Only the crossing point of each limit boundary is stored.
Limits comparison is done on the selected sensor (“Verify
sensor ID [1:0]”). The measurement number is stored,
additional to the sensor value.
1
0
0
RFU
Reserved for future use – this setting is not allowed
1
0
1
IRQ, EXT1
Interrupt triggered on the EXT1 external sensor input
1
1
0
IRQ, EXT2
Interrupt triggered on the EXT2 external sensor input
1
1
1
IRQ, EXT1, EXT2
Interrupt triggered on the EXT1 and EXT2 external sensor
input
Bits
Block #
15
14
13
12
11
10
9876
5432
10
0x00
Temp. 1
Temp. 2
0x01
Temp. 2
Temp. 3
Temp. 4
0x02
Temp. 4
Temp. 5
0x03
Temp. 5
Temp. 6
Temp. 7
0x04
Temp. 7
Temp. 8
Logging Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com