Electronic Components Datasheet Search
  English  ▼

X  

SL900A Datasheet(PDF) 2 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 2 Page - ams AG

  SL900A Datasheet HTML 1Page - ams AG SL900A Datasheet HTML 2Page - ams AG SL900A Datasheet HTML 3Page - ams AG SL900A Datasheet HTML 4Page - ams AG SL900A Datasheet HTML 5Page - ams AG SL900A Datasheet HTML 6Page - ams AG SL900A Datasheet HTML 7Page - ams AG SL900A Datasheet HTML 8Page - ams AG SL900A Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 103 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-12] 2018-Oct-29
Applications
The SL900A device is ideal suited for:
• Monitoring and tracking of temperature-sensitive
products
• Temperature monitoring of medical products
• Pharmaceutical logistics
• Monitoring of fragile goods transportation
• Dynamic shelf life applications
• RFID to SPI interface
Block Diagram
The functional blocks of this device are shown below:
Figure 2:
SL900A Block Diagram
SL900A Block Diagram: Basic block diagram of SL900A
• Storage up to 841 temperature measurements
• On-chip 9kbit EEPROM
• Alert for shelf life expiration
• Integrated dynamic shelf life calculation
• Programmable sensor limits
• Advanced logging with 4 user-selectable limits
• Package options
• 16-pin QFN (5mm x 5mm), engineering sample only
• Tested sawn wafer on foil (8”)
Benefits
Features
Oscillator
with RTC
10-Bit A/D
Converter
Processing
Digital Control
EPC Gen2
Class 3
(cool-Log™)
FIFO
1152 x 8 Bit
EEPROM
Temperature
Sensor
860 - 960 MHz
AFE
SPI
Port
(Slave)
Power
Management
V
BAT
V
SS
ANT
SCLK
SEN
1.5V
or 3V
EXT1
MUX
MEAS
D
OUT
D
IN
SL900A
EXT2
V
DD
V
REF
ANA TEST
EXC
DIGI TEST
External
Sensor
Front-End
V
POS
V
SSA
Battery Voltage