Electronic Components Datasheet Search
  English  ▼

X  

SL900A Datasheet(PDF) 12 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 12 Page - ams AG

Back Button SL900A Datasheet HTML 8Page - ams AG SL900A Datasheet HTML 9Page - ams AG SL900A Datasheet HTML 10Page - ams AG SL900A Datasheet HTML 11Page - ams AG SL900A Datasheet HTML 12Page - ams AG SL900A Datasheet HTML 13Page - ams AG SL900A Datasheet HTML 14Page - ams AG SL900A Datasheet HTML 15Page - ams AG SL900A Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 103 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-12] 2018-Oct-29
SL900A − Shor t Description
The SL900A is designed for use in smart active labels (SAL),
semi-passive labels and passive labels. Smart active labels are
defined as thin and flexible labels that contain an integrated
circuit and a power source. SAL includes in its definition both
“fully active” smart labels, and semi-active smart labels, also
known as battery-assisted back-scattered passive labels, both
of which enable enhanced functionality and performance over
passive labels. The IC includes sensor functionality and logging
of sensor data (see Figure 13 below).
The SL900A is operating at 860 to 960 MHz and is fully EPCglobal
Class 1 compliant. The chip is supplied from a single-cell battery
of typically 1.5V, or from a dual cell battery (3V).
3V batteries are recommended because of the wider operating
voltage range. The on-chip temperature sensor and real-time
clock (RTC) accommodate temperature data logging.
Supply Arrangement
The SL900A is supplied from either the battery or through the
electromagnetic waves from a reader. The device is normally
supplied from the battery unless there is no battery attached
(passive label), or when the battery is drained. In Battery
Assisted Passive Mode the chip can be supplied by either a 3V
or a 1.5V battery. A 3V battery is recommended as there is a
wider operating voltage range with 3V. At power up a battery
check is carried out to determine if a 3V or 1.5V battery is
connected. It is strongly recommended after first connection of
a battery that an inventory round is performed and the custom
command Get Battery Level with battery retrigger is executed.
This will repeat the battery check when the battery voltage is
stable and ensure the correct battery type 3V or 1.5V type
selection is selected.
Figure 13:
Block Diagram
Short Description
Oscillator
with RTC
10-Bit A/D
Converter
Processing
Digital Control
EPC Gen2
Class 3
(cool-Log™)
FIFO
1152 x 8 Bit
EEPROM
Temperature
Sensor
860 - 960 MHz
AFE
SPI
Port
(Slave)
Power
Management
V
BAT
V
SS
ANT
SCLK
SEN
1.5V
or 3V
EXT1
MUX
MEAS
D
OUT
D
IN
SL900A
EXT2
V
DD
V
REF
ANA TEST
EXC
DIGI TEST
External
Sensor
Front-End
V
POS
V
SSA
Battery Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com