Electronic Components Datasheet Search
  English  ▼

X  

SL900A Datasheet(PDF) 54 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 54 Page - ams AG

Back Button SL900A Datasheet HTML 50Page - ams AG SL900A Datasheet HTML 51Page - ams AG SL900A Datasheet HTML 52Page - ams AG SL900A Datasheet HTML 53Page - ams AG SL900A Datasheet HTML 54Page - ams AG SL900A Datasheet HTML 55Page - ams AG SL900A Datasheet HTML 56Page - ams AG SL900A Datasheet HTML 57Page - ams AG SL900A Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 103 page
background image
Page 54
ams Datasheet
Document Feedback
[v1-12] 2018-Oct-29
SL900A − SPI Slave Inter face
Figure 34:
SPI Timings
Figure 35:
SPI Timing for 3V Supply Voltage
Figure 36:
SPI Timing for 1.5V Supply Voltage
Symbol
Min
Max
Description
tsc
150μs
-
SEN to first SCLK rising edge setup time
tch
100ns
-
SCLK high period
tcl
100ns
-
SCLK low period
tds
50ns
-
Data setup time
tdh
50ns
-
Data hold time
Symbol
Min
Max
Description
tsc
150μs
-
SEN to first SCLK rising edge setup time
tch
500ns
-
SCLK high period
tcl
500ns
-
SCLK low period
tds
50ns
-
Data setup time
tdh
50ns
-
Data hold time
t sc
t cl
t ch
t ds
t dh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com