Electronic Components Datasheet Search
  English  ▼

X  

SL900A Datasheet(PDF) 14 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 14 Page - ams AG

Back Button SL900A Datasheet HTML 10Page - ams AG SL900A Datasheet HTML 11Page - ams AG SL900A Datasheet HTML 12Page - ams AG SL900A Datasheet HTML 13Page - ams AG SL900A Datasheet HTML 14Page - ams AG SL900A Datasheet HTML 15Page - ams AG SL900A Datasheet HTML 16Page - ams AG SL900A Datasheet HTML 17Page - ams AG SL900A Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 103 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-12] 2018-Oct-29
SL900A − Shor t Description
Temperature Sensor
The on-chip temperature sensor is set with a default
temperature range of -29.3ºC to 58.1ºC and can measure the
temperature in the range from 0ºC to 10ºC with an accuracy of
TSRA. The temperature sensor is calibrated at VBAT=3.0V and
accuracy is only guaranteed in logging mode and not in the
presence of a strong RF field. A strong RF field can produce self
heating of the chip. Please note the assembly method used can
affect the temperature sensor accuracy.
It is recommended that care is taken with the assembly method
of the die as the on chip temperature sensor is sensitive to
mechanical stress. The temperature sensor accuracy was
confirmed in a calibrated oil bath using wirebonded SL900A die
assembled in ceramic DIL packages with non-conductive glue
for die attach, glued lids and no bondwire on bondpad EXT2.
Final accuracy of the completed product should in any case be
checked during product development especially where
different die assembly methods are used.
The temperature sensor can be reconfigured for other
temperature ranges but the sensor will need recalibrating if the
range is changed from the default values.
External Sensors
The on-chip external sensor front end provides a flexible
interface for analog external sensors. It has an auto-range and
interrupt function. It supports various types of analog sensors
from pressure, humidity, temperature, light …
Analog to Digital Converter
The chip has an integrated 10-bit analog to digital converter
with selectable voltage references. It is used for conversion of
temperature, external sensors and battery voltage.
External Sensor Interrupt
The external sensor inputs EXT1 and EXT2 can be used for
event-triggered logging. In this mode, the logging is not
triggered in predefined time intervals from the internal timer,
but can be triggered externally, either with a sensor, switch or
a microcontroller.
The interrupt source can be the EXT1, EXT2 input or both, were
the EXT1 input has the higher priority. The user application can
select which measurements are triggered by the interrupt
event.
In the interrupt mode, the sensor value is stored together with
the 32-bit real time clock value. For a correct real-time clock
value, the correct Start time has to be supplied. The interrupt
mode is started with the START LOG command and the correct
setting in the registers (SET LOG MODE command).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com