Electronic Components Datasheet Search
  English  ▼

X  

SL900A Datasheet(PDF) 34 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 34 Page - ams AG

Back Button SL900A Datasheet HTML 30Page - ams AG SL900A Datasheet HTML 31Page - ams AG SL900A Datasheet HTML 32Page - ams AG SL900A Datasheet HTML 33Page - ams AG SL900A Datasheet HTML 34Page - ams AG SL900A Datasheet HTML 35Page - ams AG SL900A Datasheet HTML 36Page - ams AG SL900A Datasheet HTML 37Page - ams AG SL900A Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 103 page
background image
Page 34
ams Datasheet
Document Feedback
[v1-12] 2018-Oct-29
SL900A − Custom Command Description
Set Log Mode
The SET LOG MODE command sets the logging form, storage
rule, enables sensors that are used in the logging process and
sets the logging interval (in 1 second steps). A battery check is
carried out after a Set Log Command and before each logging
measurement. If the battery voltage is low, the `low battery flag`
is set and no measured data will be written to EEPROM. The
battery check is separate and independent from the battery
measurement enable. Battery measurement enable determines
if the battery voltage is measured and logged in EEPROM.
Command Structure:
In case the operation is successful, the following reply will be
sent:
Successful Reply Structure:
The “Log Mode” Field is Composed as:
Log Interval[14:0] is in seconds, with 0 => 1s interval, 1=> 2s
interval.
SOF
Custom
Command Code
Log Mode
Handle
CRC
Frame - sync
0xE0
0xA1
24 bits
16 bits
16 bits
SOF
Header
Handle
CRC
EOF
Pilot tone + preamble
1 bit [0]
16 bits
16 bits
Dummy bit [1]
Bit
Number
23 … 21
20
19
18
17
16
15 … 1
0
Function
Logging
form [2:0]
Storage
rule
Ext.1 sensor
enable
Ext.2sensor
enable
Temp. sensor
enable
Battery
measurement
enable
Log interval
[14:0]
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com