Electronic Components Datasheet Search
  English  ▼

X  

SL900A Datasheet(PDF) 74 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 74 Page - ams AG

Back Button SL900A Datasheet HTML 70Page - ams AG SL900A Datasheet HTML 71Page - ams AG SL900A Datasheet HTML 72Page - ams AG SL900A Datasheet HTML 73Page - ams AG SL900A Datasheet HTML 74Page - ams AG SL900A Datasheet HTML 75Page - ams AG SL900A Datasheet HTML 76Page - ams AG SL900A Datasheet HTML 77Page - ams AG SL900A Datasheet HTML 78Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 103 page
background image
Page 74
ams Datasheet
Document Feedback
[v1-12] 2018-Oct-29
SL900A − Calibration Bits
Note(s) and/or Footnote(s):
1. LH – POR level rising supply
2. HL – POR level falling supply
irlev[1:0]
Voltage interrupt level for external sensor -
ratiometric
8% of VBAT
43% of
VBAT
8%, 25%,
35%, 43%
ring_cal[4:0]
Main system clock oscillator calibration – DO
NOT MODIFY
1585kHz
2590kHz
31kHz
off_int[6:0]
Temperature conversion offset calibration – DO
NOT MODIFY
-32LSb
+32LSb
1LSb
reftc[3:0]
Bangap voltage temperature coefficient
calibration – DO NOT MODIFY
450mV
472mV
~18ppm/C
exc_res
Excitate for resistive sensors without DC
RFU[1:0]
RESERVED
Calibration
Function
Range
Min
Max
Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com