Electronic Components Datasheet Search
  English  ▼

X  

6500QL Datasheet(PDF) 3 Page - 3M Electronics

Part # 6500QL
Description  Rugged Comfort Quick Latch Half Facepiece Reusable Respirator 6500QL Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6500QL Datasheet(HTML) 3 Page - 3M Electronics

  6500QL Datasheet HTML 1Page - 3M Electronics 6500QL Datasheet HTML 2Page - 3M Electronics 6500QL Datasheet HTML 3Page - 3M Electronics 6500QL Datasheet HTML 4Page - 3M Electronics 6500QL Datasheet HTML 5Page - 3M Electronics 6500QL Datasheet HTML 6Page - 3M Electronics 6500QL Datasheet HTML 7Page - 3M Electronics 6500QL Datasheet HTML 8Page - 3M Electronics 6500QL Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
(English)
2
N - Never substitute, modify, add, or omit parts. Use only exact replacement parts in the configuration as specified by the manufacturer.
O - Refer to User’s Instructions, and/or maintenance manuals for information on use and maintenance of these respirators.
S - Special or critical User’s Instructions and/or specific use limitations apply. Refer to User’s Instructions before donning.
S - Special or Critical User’s Instructions
3M™ Organic Vapor Service Life Indicator Cartridges (6001i and 60921i) are equipped with a passive 3M™ End of Service Life Indicator (ESLI). The
indicator must be readily seen when wearing the respirator. If you cannot readily see the ESLI, use a mirror to observe the ESLI; rely on a co-worker
who can see the ESLI; or go to a clean area, remove the respirator and view the ESLI. Do not rely solely on the organic vapor ESLI unless your
employer has determined that it is appropriate for your workplace. See 6001i or 60921i User Instructions for more information, including Special
Instructions regarding the ESLI.
3M™ Mercury Vapor, Organic Vapor and Acid Gas Cartridges (6007 and 60927) must be discarded within 50 hours of use against mercury vapor.
3M™ Particulate Filter P95, Hydrogen Fluoride, with Nuisance Level Acid Gas Relief, 2076HF and 3M™ Particulate Filter P100, Hydrogen Fluoride,
with Nuisance Level Acid Gas Relief, 7093C are recommended for relief against nuisance levels of acid gases or organic vapors. Nuisance level refers
to concentrations not exceeding OSHA PEL or applicable government occupational exposure limits, whichever is lower. Do not use for respiratory
protection against acid gases or organic vapors, except hydrogen fluoride.
Respirator Program Management
Occupational use of respirators must be in compliance with applicable health and safety standards. By law U.S. employers must establish
a written respiratory protection program meeting the requirements of the OSHA Respiratory Protection Standard 29 CFR 1910.134 and any
applicable OSHA substance specific standards. In Canada, CSA standard Z94.4 requirements must be met and/or requirements of the applicable
jurisdiction, as appropriate.
Consult an industrial hygienist or call 3M Technical Service with questions concerning applicability of these products to your job requirements.
For additional information on this standard contact OSHA at www.OSHA.gov.
Table 1: Major Sections of OSHA 29 CFR 1910.134
Section
Description
A
Permissible Practice
B
Definitions
C
Respiratory Protection Devices
D
Selection of Respirators
E
Medical Evaluations
F
Fit Testing
G
Use of Respirators
H
Maintenance and Care of Respirators
I
Breathing Air Quality and Use
J
Identification of Cartridges, Filters, and Canisters
K
Training and Information
L
Program Evaluation
M
Recordkeeping
Assigned Protection Factors
Table 2: Assigned Protection Factors
Type of Respirator
APF
Half Facepiece Negative Pressure Air Purifying Respirator
10
OPERATING INSTRUCTIONS
Unpacking
Inspect the respirator contents for shipping damage and ensure all components are present (Refer to Fig. 28). The “QL” mark on the latch identifies
this facepiece as a 3M™ Rugged Comfort Quick Latch Half Facepiece Reusable Respirator 6500QL Series. The product should be inspected before
each use, following the procedures in the “Inspection, Cleaning and Storage” section of these User Instructions.
Assembly
3M™ Cartridge, 6000 Series, Filter 7093 and Cartridge/Filter 7093C (Figs. 1 and 2)
1. Align the cartridge or filter notch with the small solid bayonet lug on facepiece and push together.
2. Turn cartridge or filter clockwise until it is firmly seated and cannot be further turned (about 1/4 turn).
3. Repeat with second cartridge or filter.
3M™ Filter 2000 Series (Fig. 3)
1. Align opening of filter with filter attachment on facepiece and push together.
2. Turn filter clockwise until it is firmly seated and cannot be further turned (about 1/4 turn).
3. Repeat for second filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46