Electronic Components Datasheet Search
  English  ▼

X  

ES9038Q2M Datasheet(PDF) 18 Page - ESS Technology,Inc

Part # ES9038Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038Q2M Datasheet(HTML) 18 Page - ESS Technology,Inc

Back Button ES9038Q2M Datasheet HTML 14Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 15Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 16Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 17Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 18Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 19Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 20Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 21Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 22Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
CONFIDENTIAL Rev. 1.3
July 17, 2019
ES9038Q2M Datasheet
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
18
Register 3: SPDIF Configuration
Bits
[7:4]
[3]
[2]
[1]
[0]
Mnemonic
reserved
spdif_user_bits
spdif_ig_data
spdif_ig_valid
reserved
Default
4’d4
1’b0
1’b0
1’b0
1’b0
Bit
Mnemonic
Description
[7:4]
reserved
[3]
spdif_user_bits
Both SPDIF channel status bits and SPDIF user bits are available for
readback via the I2C interface. To reduce register count the channel
status bits and user bits occupy the same register space. Setting
user_bits will present the SPDIF user bits on the read-only register
interface instead of the default channel status bits.
•
1’b1: presents the SPDIF user bits on the read-only register
interface
•
1’b0: presents the SPDIF channel status bits on the read-only
register interface (default)
[2]
spdif_ig_data
Configures the SPDIF decoder to ignore the ‘data’ flag in the channel
status bits.
•
1’b1: ignore the data flag in the channel status bits and
continue to process the decoded SPDIF data
•
1’b0: mute the SPDIF data when the data flag is set (default)
Note: Enabling the SPDIF output when data is present could cause
undesirable noise if the SPDIF data is compressed audio or a non -
standard format.
[1]
spdif_ig_valid
Configures the SPDIF decoder to ignor
e the ‘valid’ flag in the SPDIF
stream.
•
1’b1: ignore the valid flag and continue to process the decoded
SPDIF data
•
1’b0: mute the SPDIF data when the valid flag is invalid
(default)
[0]
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com