Electronic Components Datasheet Search
  English  ▼

X  

ES9038Q2M Datasheet(PDF) 11 Page - ESS Technology,Inc

Part # ES9038Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038Q2M Datasheet(HTML) 11 Page - ESS Technology,Inc

Back Button ES9038Q2M Datasheet HTML 7Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 8Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 9Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 10Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 11Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 12Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 13Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 14Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 15Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
July 17, 2019
CONFIDENTIAL Rev. 1.3
ES9038Q2M Datasheet
11
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
THD Compensation
THD Compensation can be used to minimize distortion from external PCB components and layout through the generation of
inverse second and third harmonic components matching the target system distortion profile.
THD compensation can be enabled via thd_enb in Register 13: THD Bypass.
The coefficient for manipulating second harmonic distortion is stored in Register 22-23: THD Compensation C2.
The coefficient for manipulating third harmonic distortion is stored in Register 24-25: THD Compensation C3.
All channels use the same compensation coefficients.
Standby Mode
For lowest power consumption, the following should be performed to enter the stand-by mode:
•
RESETB pin should be brought to low digital level to:
o
Shut off the DACs, Oscillator and internal regulator.
o
Force digital I/O pins (DATA_CLK, DATA1, GPIO1, GPIO2, SDA ) into tri-state mode
•
If XI is supplied externally, it should be stopped at a logic low level
To resume from standby mode bring RESETB to high digital level, resume XI if supplied externally, and reinitialize all
registers.
DVDD Supply
The ES9038Q2M is equipped with a regulated DVDD supply powered from DVCC. The internal DVDD regulator must be
decoupled to DGND with a capacitor that maintains a minimum value of 1
F at 1.2V over the target operating temperature
range. The recommended capacitor for decoupling DVDD is a 4.7
F ±20%, X5R 6.3V 0402.
Headphone Amp Control (when used with SABRE9602)
When used with the SABRE9602 headphone amp, the following pins can be used to provide dedicated control.
ES9038
pin
Connect to
SABRE9602 pin
ES9038 Reset State
ES9038 Normal Operation
HPSDb
AMP_PDB
HPSDb is pulled down via internal
100kΩ
resistor on HPSDb
HPSDb is controlled via amp_pdb and amp_pdb_ss
in Register 39: General Configuration 2
SW
SW_CTRL
SW is controlled by GPIO2 via internal
120kΩ resistor to select AUX (GPIO2=1) or
standby (GPIO2=0) mode
SW is controlled via sw_ctrl_en[1] once sw_ctrl_en[0]
is programmed to be 1’b1 in Register 39: General
Configuration 2.
FSYNC
FSYNC
Tri-stated
Sets charge pump frequency via Register 30-31:
Charge Pump Clock
BIAS
-
1’b0
General purpose output controlled via bias_ctrl in
Register 45: Low Power and Auto Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com