Electronic Components Datasheet Search
  English  ▼

X  

ES9038Q2M Datasheet(PDF) 40 Page - ESS Technology,Inc

Part # ES9038Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038Q2M Datasheet(HTML) 40 Page - ESS Technology,Inc

Back Button ES9038Q2M Datasheet HTML 36Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 37Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 38Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 39Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 40Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 41Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 42Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 43Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 44Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
CONFIDENTIAL Rev. 1.3
July 17, 2019
ES9038Q2M Datasheet
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
40
Register 46: ADC Configuration
Bits
[7]
[6]
[5:4]
[3]
[2]
[1]
[0]
Mnemonic
reserved
adc_order
adc_clk
reserved
adc_ditherb
reserved
adc_pdb
Default
1’b0
1’b0
2’b00
1’b0
1’b0
1’b0
1’b0
Bit
Mnemonic
Description
[7]
reserved
[6]
adc_order
Selects whether the ADC uses a first order modulator or a second order
modulator in the analog section.
•
1’b0: uses a first order modulator providing the best performance
(default)
•
1’b1: uses a second order modulator (recommended for better
performance)
[5:4]
adc_clk
Sets the clock dividing ratio for the ADC analog section. This also
affects the decimation filter stages.
•
2’d0: ADC_CLK = CLK
•
2’d1: ADC_CLK = CLK/2
•
2’d2: ADC_CLK = CLK/4
•
2’d3: ADC_CLK = CLK/8
[3]
reserved
[2]
adc_ditherb
Allows the ADC dither to be disabled on a per ADC basis.
•
1’b0: uses TPDF shaped dither providing the best performance
(default)
•
1’b1: disabled dither
[1]
reserved
[0]
adc_pdb
Shuts down the ADC. Note: GPIO must be configured as ADC input for
the ADC to function correctly.
•
1’b0: shuts down the ADC (default)
•
1’b1: enables the ADC analog stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com