Electronic Components Datasheet Search
  English  ▼

X  

ES9038Q2M Datasheet(PDF) 4 Page - ESS Technology,Inc

Part # ES9038Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038Q2M Datasheet(HTML) 4 Page - ESS Technology,Inc

  ES9038Q2M Datasheet HTML 1Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 2Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 3Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 4Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 5Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 6Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 7Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 8Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
CONFIDENTIAL Rev. 1.3
July 17, 2019
ES9038Q2M Datasheet
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
4
ES9038Q2M PIN DESCRIPTIONS
Pin
Name
Pin Type
Reset
State
Pin Description
1
AVCC_R
Power
Power
DAC analog output stage reference supply for the Right Channel
2
DACRB
AO
Ground
Differential Negative Output for the Right Channel
3
DACR
AO
Ground
Differential Positive Output for the Right Channel
4
BIAS
O
1’b0
General Output. Controlled by software. See Register 45: Low Power
and Auto Calibration for more information.
5
SW
I/O
GPIO2 /
Tri-stated
General Output
•
Can be used with switch input of SABRE9602. See Register 39:
General Configuration 2 for more information. In reset state, a
120k ohm resistor connects between SW and GPIO2.
6
FSYNC
O
Tri-stated
General Output with output clock options.
•
Can be used with FSYNC of SABRE9602 to set its charge pump
frequency. See Register 30-31: Charge Pump Clock for more
information
7
HPSDb
O
1’b0
General Output. Can be used for Headphone Shutdown of
SABRE9602
Grounded through 100k ohm resistor in reset state.
8
DACL
AO
Ground
Differential Positive Output for the Left Channel
9
DACLB
AO
Ground
Differential Negative Output for the Left Channel
10
AVCC_L
Power
Power
DAC analog output stage reference supply for the Left Channel
11
AGND_L
Ground
Ground
DAC analog output stage ground for the Left Channel
12
VCCA
Power
Power
Analog +3.3V for OSC
13
DVCC
Power
Power
Digital +1.8V to +3.3V
14
DGND
Ground
Ground
Digital Ground
15
DVDD
Power
Power
Digital Core Voltage, nominally +1.2V, supplied by an internal regulator
from DVCC.
16
GPIO2
I/O
Tri-stated /
SW
General purpose input/output pin 2, or SPDIF Input 5
•
In reset state, a 120k ohm resistor connects between SW and
GPIO2 allowing GPIO2 to switch input of SABRE9602. See
Register 39: General Configuration 2 for more information.
17
GPIO1
I/O
Tri-stated
General purpose input/output pin 1, or SPDIF Input 4.
18
DATA2
I
Tri-stated
DSD Data2 (R) or PCM Data CH1/CH2 or SPDIF Input 2
19
DATA1
I/O
Tri-stated
Master mode off or non-PCM mode
•
Input for DSD Data1 (L) or PCM Frame Clock or SPDIF Input 3
Master mode on and PCM mode
•
Output for PCM Frame Clock
20
DATA_CLK
I/O
Tri-stated
Master mode off
•
Input for PCM Bit Clock or DSD Bit Clock or SPDIF Input 1
Master mode on
•
Output for PCM or DSD Bit Clock
21
RESETB
I
Ground
Master Reset / Power Down (active low)
22
RT1
-
Tri-stated
Reserved, must be connected to DGND.
23
SCL
I
Tri-stated
I2C Clock Input
24
SDA
I/O
Tri-stated
I2C Serial Data Input/Output
25
ADDR
I
Tri-stated
I2C Address Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com