Electronic Components Datasheet Search
  English  ▼

X  

ES9038Q2M Datasheet(PDF) 52 Page - ESS Technology,Inc

Part # ES9038Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038Q2M Datasheet(HTML) 52 Page - ESS Technology,Inc

Back Button ES9038Q2M Datasheet HTML 48Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 49Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 50Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 51Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 52Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 53Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 54Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 55Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 56Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 65 page
background image
CONFIDENTIAL Rev. 1.3
July 17, 2019
ES9038Q2M Datasheet
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
52
ANALOG PERFORMANCE
Test Conditions (unless otherwise stated)
1.
TA = 25oC, AVCC = VCCA = DVCC = +3.3V, internal DVDD with 4.7F ±20% decoupling, fs = 44.1kHz, MCLK = 27MHz & 32-bit data
2.
SNR/DNR: A-weighted over 20Hz-20kHz in averaging mode
THD+N: un-weighted over 20Hz-20kHz bandwidth
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
32
Bits
XI Frequency
100M
Hz
MCLK (PCM normal mode)
Custom FIR mode
Asynchronous mode
Synchronous mode
256FSR
192FSR
128FSR
��������
2������������_����������������
Hz
MCLK (PCM OSF bypass mode)
Asynchronous mode
Synchronous mode
24FSR
16FSR
MCLK (DSD mode)
Asynchronous mode
Synchronous mode
3FSR
2FSR
MCLK (SPDIF mode)
386FSR
FSR (PCM normal mode)
Asynchronous mode
Synchronous mode
384k
768k
Hz
FSR (PCM OSF bypass mode)
1.536M
Hz
FSR (DSD mode)
Asynchronous mode
Synchronous mode
11.3M
22.6M
Hz
FSR (SPDIF mode)
192k
Hz
DYNAMIC PERFORMANCE
DNR (differential current mode)
–60dBFS
128
dB-A
THD+N (differential current mode)
0dBFS
–120
dB
ANALOG OUTPUT (per + or
– pin of each differential DAC output pair)
Output impedance (RDAC)
774
 11%
Voltage mode output range (VOPP)
Full-scale out
0.906 x AVCC
Vp-p
Voltage mode output offset (VOCM)
Bipolar zero out
AVCC / 2
V
Current mode output range
Full-scale out
1000 x
VOPP / RDAC
mAp-p
Current mode output offset
Bipolar zero out
to virtual ground
at voltage VG (V)
1000 x
(VOPP - VG) / RDAC
mA
Digital Filter Performance
De-emphasis error
0.2
dB
Mute Attenuation
–127
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com