Electronic Components Datasheet Search
  English  ▼

X  

ES9038Q2M Datasheet(PDF) 43 Page - ESS Technology,Inc

Part # ES9038Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038Q2M Datasheet(HTML) 43 Page - ESS Technology,Inc

Back Button ES9038Q2M Datasheet HTML 39Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 40Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 41Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 42Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 43Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 44Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 45Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 46Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 47Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 65 page
background image
July 17, 2019
CONFIDENTIAL Rev. 1.3
ES9038Q2M Datasheet
43
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
Register 65 (Read-Only): GPIO Readback
Bits
[7:2]
[1]
[0]
Mnemonic
reserved
gpio2
gpio1
Default
6’d0
1’b0
1’b0
Bit
Mnemonic
Description
7:2]
reserved
Hard coded to 6’d0.
[1]
gpio2
Contains the state of the GPIO2 pin.
[0]
gpio1
Contains the state of the GPIO1 pin.
Register 66-69 (Read-Only): DPLL Number
Bits
[31:0]
Mnemonic
dpll_num
Default
32’d0
Bit
Mnemonic
Description
[31:0]
dpll_num
Contains the ratio between the MCLK and the audio clock rate once the
DPLL has acquired lock. This value is latched on reading the LSB, so
register 66 must be read first to acquire the latest DPLL value. The
value is latched on LSB because the DPLL number can be changing as
the I2C transactions are performed.
FSR =
(dpll_num ∗ MCLK)
232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com