Electronic Components Datasheet Search
  English  ▼

X  

ES9038Q2M Datasheet(PDF) 29 Page - ESS Technology,Inc

Part # ES9038Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038Q2M Datasheet(HTML) 29 Page - ESS Technology,Inc

Back Button ES9038Q2M Datasheet HTML 25Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 26Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 27Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 28Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 29Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 30Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 31Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 32Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 33Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
July 17, 2019
CONFIDENTIAL Rev. 1.3
ES9038Q2M Datasheet
29
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
Register 15-16: Volume Control
Bits
[7:0]
Register 15
volume1
Register 16
volume2
Default
8’d80
Bit
Mnemonic
Description
[7:0]
volume1
Default of 8’d80 (-40dB)
-0dB to -127.5dB with 0.5dB steps
[7:0]
volume2
Default of 8’d80 (-40dB)
-0dB to -127.5dB with 0.5dB steps
Register 17-20: Master Trim
Bits
[31:0]
Mnemonic
master_trim
Default
32’h7fffffff
Bit
Mnemonic
Description
[31:0]
master_trim
A 32 bit signed value that sets the 0dB level for all volume controls.
Defaults to full-
scale (32’h7FFFFFFF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com