Electronic Components Datasheet Search
  English  ▼

X  

ES9038Q2M Datasheet(PDF) 34 Page - ESS Technology,Inc

Part # ES9038Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038Q2M Datasheet(HTML) 34 Page - ESS Technology,Inc

Back Button ES9038Q2M Datasheet HTML 30Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 31Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 32Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 33Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 34Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 35Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 36Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 37Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 38Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
CONFIDENTIAL Rev. 1.3
July 17, 2019
ES9038Q2M Datasheet
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
34
Register 30-31: Charge Pump Clock
Bits
[15:14]
[13:12]
[11:0]
Mnemonic
cp_clk_sel
cp_clk_en
cp_clk_div
Default
2’b00
2’b00
12’d0
Bit
Mnemonic
Description
[15:14]
cp_clk_sel
Selects which clock will be used as the reference clock (
fCLK) for the
charge pump clock.
•
2’b00: fCLK = XI (default)
•
2’b01: reserved
•
2’b10: reserved
•
2’b11: reserved
[13:12]
cp_clk_en
Sets the state of the charge pump clock.
•
2’b00: Tristate output (default)
•
2’b01: Tied to GND
•
2’b10: Tied to DVDD
•
2’b11: Active
[11:0]
cp_clk_div
Sets the divider ratio for the charge pump clock.
fCLK is the frequency of
the clock selected by cp_clk_sel.
fcp =
fCLK
cp_clk_div ∗ 2
Register 32: Reserved
Bits
[7:0]
Mnemonic
reserved
Default
8’d0
Bit
Mnemonic
Description
[7:0]
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com