Electronic Components Datasheet Search
  English  ▼

X  

ES9038Q2M Datasheet(PDF) 8 Page - ESS Technology,Inc

Part # ES9038Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038Q2M Datasheet(HTML) 8 Page - ESS Technology,Inc

Back Button ES9038Q2M Datasheet HTML 4Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 5Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 6Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 7Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 8Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 9Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 10Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 11Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 12Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
CONFIDENTIAL Rev. 1.3
July 17, 2019
ES9038Q2M Datasheet
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
8
Function Description
Soft Mute (not applicable in OSF Bypass mode)
When Mute is asserted the output signal will ramp to the -
 level. When Mute is reset the attenuation level will ramp back up
to the previous level set by the volume control register. Asserting Mute will not change the value of the volume control
register. The ramp rate is set by Register 6: De-emphasis, DoP and Volume Ramp Rate according to the following
relationship:
rate =
2vol_rate ∗ FSR
512
dB/s
Automute (PCM and SPDIF modes only, not supported in DSD mode)
Automute is disabled by default and can be enabled by setting automute_time to a non-zero value. Automute is triggered
when the following conditions are met:
Mode
Detection Condition
Time
PCM
SPDIF
Data is lower than automute_level
for the specified time
2096896
automute_time ∗ FSR
(s)
Automute_time can be set using Register 4: Automute Time.
Automute_level can be set using Register 5: Automute Level.
The automute status can be read using automute_status in Register 64 (Read-Only): Chip ID and Status or via a GPIO
pin programmed as Automute Status using Register 8: GPIO1-2 Configuration.
The triggered automute behavior can be configured using Register 2: Mixing, Serial Data and Automute Configuration to one
of the followings:
•
No action
•
Soft Mute
•
Ramp all channels to ground to reduce power consumption
•
Soft Mute then ramp all channels to ground
The ramp-to-ground rate can be configured to
4096 ∗
2(soft_start_time+1)
MCLK
using Register 14: Soft Start Configuration.
Volume Control (not applicable in OSF Bypass mode)
Each channel has an independently controlled digital attenuation circuit which can be set to attenuate from 0dB to
–127dB in
0.5dB steps. When a new volume level is set, the digital attenuation circuit will ramp softly to the new level. To ensure silent
digital volume transitions each 0.5dB step can take as many as 64 intermediate steps depending on the volume_rate setting
in Register 6: De-emphasis, DoP and Volume Ramp Rate.
Master Trim (not applicable in OSF Bypass mode)
The master trim sets the 0dB reference level for the digital volume control of each DAC. The master trim is programmable
via Register 17-20: Master Trim. The master trim registers store a 32bit signed number and should never exceed the full
scale signed
value 32’h7FFFFFFF.
18dB Channel Gain
A +18dB gain can be applied on a per-channel based using Register 27: General Configuration, in addition to volume control
and master trim. Note that the output will be clipped if the +18dB gain results in larger than full scale output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com