Electronic Components Datasheet Search
  English  ▼

X  

ES9038Q2M Datasheet(PDF) 6 Page - ESS Technology,Inc

Part # ES9038Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038Q2M Datasheet(HTML) 6 Page - ESS Technology,Inc

Back Button ES9038Q2M Datasheet HTML 2Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 3Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 4Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 5Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 6Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 7Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 8Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 9Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 10Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
CONFIDENTIAL Rev. 1.3
July 17, 2019
ES9038Q2M Datasheet
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
6
System Clock and Audio Inputs
Sampling Rate Notations
Mode
FSR
raw sample rate at
audio interface
fs
sample rate for filter
specification
DSD
DATA_CLK
FSR / 64
DoP
Frame Clock Rate
FSR / 4
Serial (PCM) Normal Mode
Frame Clock Rate
FSR
Serial (PCM) OSF Bypass Mode
Frame Clock Rate
FSR / 8
SPDIF
SPDIF Audio Rate
FSR
System Clock (XI) and Audio Master Clock (MCLK)
The system clock (XI) can be generated with a crystal using the built-in oscillator or supplied externally.
o
The maximum XI frequency is 100MHz as specified in ANALOG PERFORMANCE and XI Timing.
o
The audio master clock (MCLK) is divided down from XI via clk_gear in Register 0: System Registers.
o
The minimum MCLK frequency for a given raw sample rate FSR is specified in ANALOG PERFORMANCE.
o
The minimum MCLK frequency for a given I2C clock is specified in the table under I2C Timing Table.
PCM Pin Connections
Pin Name
Description
DATA1
Frame clock
DATA2
2-channel PCM serial data
DATA_CLK
Bit clock for PCM audio format
Note: DATA_CLK frequency must be (2 x serial_length) x FSR.
serial_length can be set in Register 1: Input selection.
SPDIF Pin Connections
Pin Name
Description
GPIO2~1
SPDIF input 5~4
DATA2~1
SPDIF input 3~2
DATA_CLK
SPDIF input 1
An SPDIF source multiplexer allows for up to 5 SPDIF sources to be connected to the data and GPIO pins selectable via
Register 11: SPDIF Select . SPDIF input mode can be manually selected by input_select in Register 1: Input selection or
automatically selected if auto_select in Register 1: Input selection is set to a mode allowing automatic SPDIF selection.
DSD Pin Connections
Pin Name
Description
DATA2~1
2-channel DSD data input
DATA_CLK
Bit clock for DSD data input
Note: DATA_CLK frequency must be FSR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com