Electronic Components Datasheet Search
  English  ▼

X  

AS3933 Datasheet(PDF) 58 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 58 Page - ams AG

Back Button AS3933 Datasheet HTML 54Page - ams AG AS3933 Datasheet HTML 55Page - ams AG AS3933 Datasheet HTML 56Page - ams AG AS3933 Datasheet HTML 57Page - ams AG AS3933 Datasheet HTML 58Page - ams AG AS3933 Datasheet HTML 59Page - ams AG AS3933 Datasheet HTML 60Page - ams AG AS3933 Datasheet HTML 61Page - ams AG AS3933 Datasheet HTML 62Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
ams Datasheet
Page 57
[v1-08] 2015-Sep-02
Document Feedback
AS3933 − Package Drawings & Markings
Figure 67:
QFN 4
× 4 16LD Package Drawing
Note(s) and/or Footnote(s):
1. Dimensions and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters. Angles are in degrees.
3. Dimension b applies to metallized terminal and is measured between 0.25mm and 0.30mm from terminal tip. Dimension L1
represents terminal full back from package edge up to 0.15mm is acceptable.
4. Coplanarity applies to the exposed heat slug as well as the terminal.
5. Radius on terminal is optional.
Figure 68:
Marking: YYWWXZZ@
YY
WW
X
ZZ
@
Year (i.e. 10 for 2010)
Manufacturing
Week
Assembly plant
identifier
Assembly
traceability code
Sublot identifier
Symbol
Min
Nom
Max
A
0.80
0.85
0.90
A1
0.00
0.05
A3
0.203REF
b
0.18
0.23
0.28
D4.00BSC
E4.00BSC
D2
2.60
2.70
2.80
E2
2.60
2.70
2.80
e0.65BSC
L
0.35
0.40
0.45
L1
0.00
0.10
aaa
0.10
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
Green
RoHS
AS3933 @
YYWWXZZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com