Electronic Components Datasheet Search
  English  ▼

X  

AS3933 Datasheet(PDF) 5 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 5 Page - ams AG

  AS3933 Datasheet HTML 1Page - ams AG AS3933 Datasheet HTML 2Page - ams AG AS3933 Datasheet HTML 3Page - ams AG AS3933 Datasheet HTML 4Page - ams AG AS3933 Datasheet HTML 5Page - ams AG AS3933 Datasheet HTML 6Page - ams AG AS3933 Datasheet HTML 7Page - ams AG AS3933 Datasheet HTML 8Page - ams AG AS3933 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-08] 2015-Sep-02
AS3933 − Pin Assignments
TSSOP-16 Package
Figure 5:
TSSOP Pin Assignment (Top View)
Pin Description
Figure 6:
TSSOP-16 Pin Description
Pin Name
Pin
Number
Pin Type
Description
CS
1
Digital input
Chip select
SCL
2
SDI interface clock
SDI
3
SDI data input
SDO
4
Digital output /
tristate
SDI data output (tristate when CS is low)
VCC
5
Supply pad
Positive supply voltage
GND
6
Negative supply voltage
Pin Assignments
AS3933
1
2
3
4
5
6
7
12
16
15
14
13
SCL
SDI
SDO
VCC
GND
LF3P
DAT
WAKE
VSS
XOUT
XIN
LFN
11
10
CS
CL_DAT
8
9
LF2P
LF1P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com