Electronic Components Datasheet Search
  English  ▼

X  

AS3933 Datasheet(PDF) 42 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 42 Page - ams AG

Back Button AS3933 Datasheet HTML 38Page - ams AG AS3933 Datasheet HTML 39Page - ams AG AS3933 Datasheet HTML 40Page - ams AG AS3933 Datasheet HTML 41Page - ams AG AS3933 Datasheet HTML 42Page - ams AG AS3933 Datasheet HTML 43Page - ams AG AS3933 Datasheet HTML 44Page - ams AG AS3933 Datasheet HTML 45Page - ams AG AS3933 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
ams Datasheet
Page 41
[v1-08] 2015-Sep-02
Document Feedback
AS3933 − Detailed Description
Figure 47:
Manchester Encoding
The bit duration is defined in the register R7<4:0> according to
the Figure 48 as function of the Clock Generator periods.
Figure 48:
Bit Rate Setup
R7<4>
R7<3>
R7<2>
R7<1>
R7<0>
Bit Duration in RTC
Clock Periods
0
0
0
1
1
4
0
0
1
0
0
5
0
0
1
0
1
6
0
0
1
1
0
7
0
0
1
1
1
8
0
1
0
0
0
9
0
1
0
0
1
10
0
1
0
1
0
11
0
1
0
1
1
12
0
1
1
0
0
13
0
1
1
0
1
14
0
1
1
1
0
15
0
1
1
1
1
16
1
0
0
0
0
17
Symbol
Bits
OOK signal
1
1
0
0
11
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64